Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD214A-B1XR Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części CD214A-B1XR
Szczegółowy opis  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B1XR Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  CD214A-B1XR Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B1XR Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B1XR Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B1XR Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferent
applicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214A-B1xRSeriesSchottkyBarrierRectifierChipDiode
Performance Graphs
Forward Current Derating Curve
Maximum Peak Forward Surge Current
Typical Instantaneous Forward Characteristics
Typical Reverse Characteristics
Typical Junction Capacitance
1.0
0.5
0
02550
75
100
125
150
LeadTemperature(°C)
Resistiveor
InductiveLoad
PCBMountedon
5.0x5.0mm
(0.2x0.2inch)
CopperPadAreas
30
5
10
15
20
25
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1.0
InstantaneousForwardVoltage(Volts)
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
400
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B120R,-B140R,
CD214A-B120LR,-B140LR
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R
CD214A-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R,
-B160R,-B1100R
TJ=25°C
TJ=25°C
TJ=100°C
CD214A-B1xLSERIES
1.0
0.5
0
02550
75
100
125
150
LeadTemperature(°C)
Resistiveor
InductiveLoad
PCBMountedon
5.0x5.0mm
(0.2x0.2inch)
CopperPadAreas
30
5
10
15
20
25
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1.0
InstantaneousForwardVoltage(Volts)
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
400
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B120R,-B140R,
CD214A-B120LR,-B140LR
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R
CD214A-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R,
-B160R,-B1100R
TJ=25°C
TJ=25°C
TJ=100°C
CD214A-B1xLSERIES
1.0
0.5
0
02550
75
100
125
150
LeadTemperature(°C)
Resistiveor
InductiveLoad
PCBMountedon
5.0x5.0mm
(0.2x0.2inch)
CopperPadAreas
30
5
10
15
20
25
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.10
1
10
0.001
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1.0
InstantaneousForwardVoltage(Volts)
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=100°C
400
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
CD214A-B120R,-B140R,
CD214A-B120LR,-B140LR
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R,-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R
CD214A-B160R
CD214A-B1100R
CD214A-B120LR,-B140LR
CD214A-B120R,-B140R,
-B160R,-B1100R
TJ=25°C
TJ=25°C
TJ=100°C
CD214A-B1xLSERIES


Podobny numer części - CD214A-B1XR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD214A-B1100L BOURNS-CD214A-B1100L Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1100LLF BOURNS-CD214A-B1100LLF Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B130L BOURNS-CD214A-B130L Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B130LLF BOURNS-CD214A-B130LLF Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
More results

Podobny opis - CD214A-B1XR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214B-B2XR BOURNS-CD214B-B2XR Datasheet
475Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com