Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD214B-B240R Arkusz danych(PDF) 2 Page - Bourns Electronic Solutions

Numer części CD214B-B240R
Szczegółowy opis  Schottky Barrier Rectifier Chip Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOURNS [Bourns Electronic Solutions]
Strona internetowa  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214B-B240R Arkusz danych(HTML) 2 Page - Bourns Electronic Solutions

  CD214B-B240R Datasheet HTML 1Page - Bourns Electronic Solutions CD214B-B240R Datasheet HTML 2Page - Bourns Electronic Solutions CD214B-B240R Datasheet HTML 3Page - Bourns Electronic Solutions CD214B-B240R Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2.0
1.0
0
0507090
110
130
150
170
LeadTemperature(°C)
Resistiveor
InductiveLoad
PCBMountedon
5.0x5.0mm
(0.2x0.2inch)
CopperPadAreas
400
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
400
CD214A-B120R
CD214A-B140R
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
400
CD214A-B160R
CD214A-B1100R
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
60
10
20
30
40
50
0
010
100
NumberofCycles@60Hz
8.3ms
SingleHalf
Sine-Wave
(JEDECMethod)
0.01
0.1
1
10
0.001
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
InstantaneousForwardVoltage(Volts)
CD214B-B220R
CD214B-B240R
CD214B-B220R
CD214B-B240R
CD214B-B260R
CD214B-B2100R
CD214B-B2100R
CD214B-B260R
Ta=25°C
0.01
0.1
1
10
100
0.001
020
40
60
80
100
PercentofRatedPeakReverseVoltage(%)
TJ=25°C
TJ=100°C
400
100
10
0.1
1.0
10
100
ReverseVoltage(Volts)
TJ=25°C
f=1.0MHz
Vsig=50mVP-P
3312-2mmSMDTrimmingPotentiometer
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
CD214B-B2xRSeriesSchottkyBarrierRectifierChipDiode
Performance Graphs
Forward Current Derating Curve
Typical Reverse Characteristics
Typical Instantaneous Forward Characteristics
Typical Junction Capacitance
Max. Peak Forward Surge Current


Podobny numer części - CD214B-B240R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD214B-B240 BOURNS-CD214B-B240 Datasheet
345Kb / 4P
   CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode
CD214B-B240 BOURNS-CD214B-B240 Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
CD214B-B240LF BOURNS-CD214B-B240LF Datasheet
358Kb / 4P
   CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode
More results

Podobny opis - CD214B-B240R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bourns Electronic Solut...
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B120 BOURNS-CD214A-B120 Datasheet
307Kb / 6P
   Schottky Barrier Rectifier Chip Diode
CD214A-B220 BOURNS-CD214A-B220 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B2XR BOURNS-CD214A-B2XR Datasheet
468Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214A-B3XR BOURNS-CD214A-B3XR Datasheet
553Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B320 BOURNS-CD214A-B320 Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B140 BOURNS-CD1607-B140 Datasheet
745Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD1607-B120 BOURNS-CD1607-B120 Datasheet
287Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com