Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSK4250 Arkusz danych(PDF) 4 Page - M.S. Kennedy Corporation

Numer części MSK4250
Szczegółowy opis  10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MSK [M.S. Kennedy Corporation]
Strona internetowa  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4250 Arkusz danych(HTML) 4 Page - M.S. Kennedy Corporation

  MSK4250 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4250 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4250 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4250 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4250 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4250 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size
and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant
frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power
supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured
at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the
motor. All this must be taken into account when designing and laying out the system. If everything has been minimized, there is
another solution. A second capacitance between 5 and 10 times the first capacitor and it should either have some ESR or a
resistor can be added in series with the second capacitor to help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will
destroy the capacitors.
±15VIN FILTER CAPACITORS
It is recommended that about 10 µF of capacitance (tantalum electrolytic) for bypassing the + and -15V inputs be placed as close
to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 µF or 1 µF will aid in suppressing noise transients.
GENERAL LAYOUT
Good PC layout techniques are important. Ground planes for the analog circuitry must be used and should be tied back to the
small signal grounds, pins 17,18,23,24,33 and 34. The high power grounds (RTN) pins 1,2 and 3 get tied back to the small signal
ground internally. DO NOT connect these grounds externally. A ground loop will result.
LOW POWER STARTUP
When starting up a system utilizing the MSK 4250 for the first time, there are a few things to keep in mind. First, because of the
small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current
limiting and control only works for current actually flowing through the bridge. The current sense resistor has to see the current
in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power supply to test out
connections and the low current stability. With a limited current supply, even if the controller locks up, the dissipation will be
limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the health and stability of the
system. An even waveform with some rounded triangle wave should be observed. As current goes up, the DC component of the
waveform should move up or down. At full current (with a regular supply) the waveform should not exceed +4 volts positive
peak, or -4 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the motor squeals,
there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply
current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain
calculations. For the power up sequence, ±15 volts should be powered at the same time or before the V+ voltage is applied.
APPLICATION NOTES CONTINUED
4
PRELIMINARY
Rev. - 11/00


Podobny numer części - MSK4250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anaren Microwave
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4250H ANAREN-MSK4250H Datasheet
136Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4250 MSK-MSK4250_15 Datasheet
136Kb / 6P
   75 Volt Motor Supply Voltage
More results

Podobny opis - MSK4250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M.S. Kennedy Corporatio...
MSK4251S MSK-MSK4251S Datasheet
268Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4251 ANAREN-MSK4251 Datasheet
137Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4250 ANAREN-MSK4250 Datasheet
136Kb / 6P
   10 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4252 MSK-MSK4252 Datasheet
301Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
Anaren Microwave
MSK4252 ANAREN-MSK4252 Datasheet
151Kb / 6P
   30 AMP, 75V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4253 ANAREN-MSK4253 Datasheet
161Kb / 6P
   5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4253 MSK-MSK4253 Datasheet
274Kb / 6P
   5 AMP, 55V, H-BRIDGE MOSFET BRUSHED MOTOR CONTROLLER
MSK4363 MSK-MSK4363 Datasheet
253Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
Anaren Microwave
MSK4363 ANAREN-MSK4363 Datasheet
196Kb / 7P
   10 AMP, 75V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
NXP Semiconductors
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
   10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com