Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADT4-6T+ Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ADT4-6T+
Szczegółowy opis  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADT4-6T+ Arkusz danych(HTML) 1 Page - Mini-Circuits

  ADT4-6T+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Transformer
Surface Mount
ADT4-6T+
CASE STYLE: CD637
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
Applications
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Outline Drawing
Transformer Electrical Specifications
Typical Performance Data
Config. A
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±
� .002
A
B
C
D
E
F
G
.272
.310
.220
.100
.206
.055
.100
6.91
7.87
5.59
2.54
5.23
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.40
• excellent amplitude unbalance, 0.1 dB typ.
in 1 dB bandwidth
• excellent return loss, 24 dB typ. in 1 dB bandwidth
• aqueous washable
• protected under US patent 6,133,525
• impedance matching
• balanced amplifiers
RATIO
(Secondary/Primary)
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
4
0.06-300
0.06-300
0.08-250
0.15-200
1
2
0.1
0.2
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
PRIMARY DOT
3
PRIMARY
1
SECONDARY DOT
4
SECONDARY
6
SECONDARY CT
5
NOT USED
2
50Ω
0.06 to 300 MHz
* Insertion Loss is referenced to mid-band loss, 0.3 dB typ.
Demo Board MCL P/N: TB-430
0.06
0.60
13.95
0.00
0.11
0.10
0.42
18.01
0.01
0.04
0.15
0.39
21.16
0.01
0.01
1.00
0.30
31.91
0.01
0.04
10.80
0.28
43.47
0.02
0.00
50.00
0.34
37.69
0.04
0.01
100.00
0.41
30.15
0.12
0.08
212.50
0.57
19.48
0.44
1.79
250.00
0.68
16.85
0.56
3.11
300.00
0.94
13.83
0.70
6.55
ADT4-6T
INSERTION LOSS
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
FREQUENCY (MHz)
ADT4-6T
INPUT RETURN LOSS
0
10
20
30
40
50
0
50
100
150
200
250
300
FREQUENCY (MHz)
Permanent damage may occur if any of these limits are exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
REV. E
M158496
ADT4-6T+
ED-7832/1
WP/TD/CP/AM
161026


Podobny numer części - ADT4-6T+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ADT4-6T MINI-ADT4-6T Datasheet
191Kb / 1P
   RF Transformer
More results

Podobny opis - ADT4-6T+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com