Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE29 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE29
Szczegółowy opis  Silicon Complementary Transistors High Power, High Current Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE29 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE29 Datasheet HTML 1Page - NTE Electronics NTE29 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TC = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ
Max
Unit
ON Characteristics (Note 1)
DC Current Gain
hFE
IC = 25A, VCE = 2V
15
60
IC = 50A, VCE = 5V
5
Collector–Emitter Saturation Voltage
VCE(sat) IC = 25A, IB = 2.5A
1
V
IC = 50A, IB = 10A
5
V
Base–Emitter Saturation Voltage
VBE(sat) IC = 25A, IB = 2.5A
2
V
Base–Emitter ON Voltage
VBE(on)
IC = 25A, VCE = 2V
2
V
Dynamic Characteristics
Current Gain–Bandwidth Product
fT
IC = 5A, VCE = 10V, f = 1MHz
2
MHz
Output Capacitance
Cob
VCB = 10V, IE = 0, f = 0.1MHz
1200
pF
Small–Signal Current Gain
hfe
IC = 10A, VCE = 5V, f = 1kHz
15
Note 1. Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2%.
1.187 (30.16)
.875 (22.2)
Dia Max
.665
(16.9)
.430
(10.92)
Seating
Plane
.040 (1.02)
.312 (7.93) Min
.135 (3.45) Max
.350 (8.89)
Emitter
Collector/Case
Base
.215 (5.45)
.525 (13.35) R Max
.156 (3.96) Dia
(2 Holes)
.188 (4.8) R Max


Podobny numer części - NTE29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE290 NTE-NTE290 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier, Switch
NTE2900 NTE-NTE2900 Datasheet
29Kb / 3P
   MOSFET N-Ch, Enhancement Mode High Speed Switch
NTE2902 NTE-NTE2902 Datasheet
55Kb / 2P
   N-Channel Silicon Junction Field Effect Transistor
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
NTE290A NTE-NTE290A Datasheet
21Kb / 2P
   Silicon Complementary Transistors Audio Power Amplifier
More results

Podobny opis - NTE29

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2562 NTE-NTE2562 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2564 NTE-NTE2564 Datasheet
22Kb / 2P
   Complementary Silicon Transistors High Current Switch
NTE2570 NTE-NTE2570 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2515 NTE-NTE2515 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2524 NTE-NTE2524 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2517 NTE-NTE2517 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2568 NTE-NTE2568 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2526 NTE-NTE2526 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com