Zakładka z wyszukiwarką danych komponentów |
|
UZK24.121 Arkusz danych(PDF) 1 Page - PULS GmbH |
|
UZK24.121 Arkusz danych(HTML) 1 Page - PULS GmbH |
1 / 11 page UZK24.121, UZO24.121 U-Series BATTERY MODULE 24V, 12AH BATTERY MODULE 24V, 12Ah Battery Capacity (2x 12V Batteries in Series) Small Mounting Footprint 2m Power Leads Included PT1000 Sensor for Battery Module Temperature Included Includes a Center-tap Terminal with Auto-resettable Fuse 3 Year Warranty, Except for Batteries, Which Are Considered a Service Part. 1. GENERAL DESCRIPTION 1/11 The UZK24.121 battery module utilizes two non- spillable maintenance-free VRLA lead-acid batteries (connected in series), that are assembled in one package with all the required wiring included. The battery module is available in two different options. It can be ordered as UZK-module with a battery or as UZO-module without a battery which can be installed at a later date to avoid outdated batteries. The battery module also includes a sensor board, which contains a temperature sensor and a center-tap connection terminal. The use of the sensor board enables to monitor and charge the two batteries individually and precisely, which extends the service life of the batteries and makes the use of matched replacement batteries unnecessary. The use of the sensor board is optional, the DC-UPS will also function without the sensor board installed. 2. SHORT-FORM DATA Nominal voltage DC 24V Nominal battery capacity 12Ah Nominal battery life 3 to 5 years According EUROBAT Battery current Max. 35A Discharging current Max. 3.5A Charging current Temperature sensor PT1000 Recommended charging voltage 27.8V 27.5V 27.15V 26.8V At 10°C At 20°C At 30°C At 40°C Self-discharge rate 3%/month At 20°C Battery fuse 35A ATOF® 287 035 from Littelfuse Temperature range -10°C to +40°C For charging -15°C to +50°C For discharging Size (WxHxD) 203x186x124mm Discharging current Weight 9200g / 20.3lb 800g / 1.76lb For UZK24.121 For UZO24.121 3. ORDER NUMBERS Battery Module UZK24.121 Battery module with assembled batteries UZO24.121 Battery module without assembled batteries UZB12.121 Battery replacement 12V, 12Ah 2pcs needed for one battery module 4. MARKINGS IND. CONT. EQ. UL 508 Marine Class I Div 2 IECEx ATEX Aug. 2017 / Rev. 2.0 DS-UZK24.121-EN All parameters are typical values specified at, 25°C ambient temperature unless otherwise noted. www.pulspower.com Phone +49 89 9278 0 Germany |
Podobny numer części - UZK24.121 |
|
Podobny opis - UZK24.121 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |