Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM24LC16VS Arkusz danych(PDF) 8 Page - Anachip Corp

Numer części AM24LC16VS
Szczegółowy opis  2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANACHIP [Anachip Corp]
Strona internetowa  
Logo ANACHIP - Anachip Corp

AM24LC16VS Arkusz danych(HTML) 8 Page - Anachip Corp

Back Button AM24LC16VS Datasheet HTML 2Page - Anachip Corp AM24LC16VS Datasheet HTML 3Page - Anachip Corp AM24LC16VS Datasheet HTML 4Page - Anachip Corp AM24LC16VS Datasheet HTML 5Page - Anachip Corp AM24LC16VS Datasheet HTML 6Page - Anachip Corp AM24LC16VS Datasheet HTML 7Page - Anachip Corp AM24LC16VS Datasheet HTML 8Page - Anachip Corp AM24LC16VS Datasheet HTML 9Page - Anachip Corp AM24LC16VS Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
AM24LC16
Anachip Corp.
www.anachip.com.tw
Rev. A1 Oct 20, 2003
8/10
ATC
8
1
9
ACKNOWLEDGE
START
Figure 3. Acknowledge Response from Receiver
SCL FROM MASTER
DATA OUTPUT FROM
TRANSMITTER
DATA OUTPUT FROM
RECEIVER
DATA n
BYTE
ADDRESS
SLAVE
ADDRESS
A
C
K
A
C
K
A
C
K
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
Figure 4. Byte Write for Data
S
P
STOP
START
A
C
K
A
C
K
A
C
K
A
C
K
Figure 5. Page Write for Data
S
P
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
DATA n
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
DATA n+15
DATA
P
A
C
K
Figure 6. Current Address Read for Data
s
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
STOP
START
A
C
K
NO
P
S
S
A
C
K
A
C
K
A
C
K
DATA n
Figure 7. Random Read for Data
BYTE
ADDRESS n
SLAVE
ADDRESS
STOP
START
SLAVE
ADDRESS
START
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
A
C
K
NO
S
A
C
K
DATA n
A
C
K
DATA n+1
A
C
K
DATA n+x
P
Figure 8. Sequential Read for Data
BUS ACTIVITY
SLAVE
SDA
LINE
BUS ACTIVITY
MASTER
SLAVE
ADDRESS
START
STOP
A
C
K
NO


Podobny numer części - AM24LC16VS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
More results

Podobny opis - AM24LC16VS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Anachip Corp
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
National Semiconductor ...
NMC2816 NSC-NMC2816 Datasheet
423Kb / 6P
   16K (2K X 8) ELECTRICALLY ERASABLE PROM
logo
Anachip Corp
AM24LC04 ANACHIP-AM24LC04 Datasheet
223Kb / 12P
   2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
AV93LC46 ETC1-AV93LC46 Datasheet
214Kb / 9P
   1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
   16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com