Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1548S-07RW Arkusz danych(PDF) 2 Page - MicroPower Direct, LLC

Numer części MC1548S-07RW
Szczegółowy opis  High Performance, 15W Wide Input Range DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MC1548S-07RW Arkusz danych(HTML) 2 Page - MicroPower Direct, LLC

  MC1548S-07RW Datasheet HTML 1Page - MicroPower Direct, LLC MC1548S-07RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Output
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MC1512S-03RW
12
9.0 - 18.0
1,031
30
3.3
3,000
0.0
3,300
80
3,000
MC1512S-05RW
12
9.0 - 18.0
1,524
30
5.0
3,000
0.0
3,300
82
3,000
MC1512S-07RW
12
9.0 - 18.0
1,506
30
7.2
2,083
0.0
2,200
83
3,000
MC1512S-09RW
12
9.0 - 18.0
1,470
30
9.0
1,666
0.0
1,000
85
3,000
MC1512S-12RW
12
9.0 - 18.0
1,470
30
12.0
1,250
0.0
1,000
85
3,000
MC1512S-15RW
12
9.0 - 18.0
1,470
30
15.0
1,000
0.0
680
85
3,000
MC1512S-18RW
12
9.0 - 18.0
1,470
30
18.0
833
0.0
470
85
3,000
MC1512S-24RW
12
9.0 - 18.0
1,453
30
24.0
625
0.0
470
86
3,000
MC1512D-03RW
12
9.0 - 18.0
1,031
30
±3.3
±1,500
±0.0
±1,500
80
3,000
MC1512D-05RW
12
9.0 - 18.0
1,524
30
±5.0
±1,500
±0.0
±1,500
82
3,000
MC1512D-07RW
12
9.0 - 18.0
1,506
30
±7.2
±1,041
±0.0
±1,000
83
3,000
MC1512D-09RW
12
9.0 - 18.0
1,488
30
±9.0
±833
±0.0
±680
84
3,000
MC1512D-12RW
12
9.0 - 18.0
1,488
30
±12.0
±625
±0.0
±470
84
3,000
MC1512D-15RW
12
9.0 - 18.0
1,488
30
±15.0
±500
±0.0
±330
84
3,000
MC1512D-18RW
12
9.0 - 18.0
1,470
30
±18.0
±416
±0.0
±220
85
3,000
MC1512D-24RW
12
9.0 - 18.0
1,470
30
±24.0
±312
±0.0
±220
85
3,000
MC1524S-03RW
24
18.0 - 36.0
515
25
3.3
3,000
0.0
3,300
80
1,500
MC1524S-05RW
24
18.0 - 36.0
744
25
5.0
3,000
0.0
3,300
84
1,500
MC1524S-07RW
24
18.0 - 36.0
744
25
7.2
2,083
0.0
2,200
84
1,500
MC1524S-09RW
24
18.0 - 36.0
735
25
9.0
1,666
0.0
1,000
85
1,500
MC1524S-12RW
24
18.0 - 36.0
735
25
12.0
1,250
0.0
1,000
85
1,500
MC1524S-15RW
24
18.0 - 36.0
726
25
15.0
1,000
0.0
680
86
1,500
MC1524S-18RW
24
18.0 - 36.0
726
25
18.0
833
0.0
470
86
1,500
MC1524S-24RW
24
18.0 - 36.0
726
25
24.0
625
0.0
470
86
1,500
MC1524D-03RW
24
18.0 - 36.0
515
25
±3.3
±1,500
±0.0
±1,500
80
1,500
MC1524D-05RW
24
18.0 - 36.0
753
25
±5.0
±1,500
±0.0
±1,500
83
1,500
MC1524D-07RW
24
18.0 - 36.0
744
25
±7.2
±1,041
±0.0
±1,000
84
1,500
MC1524D-09RW
24
18.0 - 36.0
735
25
±9.0
±833
±0.0
±680
85
1,500
MC1524D-12RW
24
18.0 - 36.0
726
25
±12.0
±625
±0.0
±470
86
1,500
MC1524D-15RW
24
18.0 - 36.0
726
25
±15.0
±500
±0.0
±330
86
1,500
MC1524D-18RW
24
18.0 - 36.0
726
25
±18.0
±416
±0.0
±220
86
1,500
MC1524D-24RW
24
18.0 - 36.0
718
25
±24.0
±312
±0.0
±220
87
1,500
MC1548S-03RW
48
36.0 - 72.0
257
20
3.3
3,000
0.0
3,300
80
750
MC1548S-05RW
48
36.0 - 72.0
372
20
5.0
3,000
0.0
3,300
84
750
MC1548S-07RW
48
36.0 - 72.0
372
20
7.2
2,083
0.0
2,200
84
750
MC1548S-09RW
48
36.0 - 72.0
367
20
9.0
1,666
0.0
1,000
85
750
MC1548S-12RW
48
36.0 - 72.0
363
20
12.0
1,250
0.0
1,000
86
750
MC1548S-15RW
48
36.0 - 72.0
359
20
15.0
1,000
0.0
680
87
750
MC1548S-18RW
48
36.0 - 72.0
359
20
18.0
833
0.0
470
87
750
MC1548S-24RW
48
36.0 - 72.0
359
20
24.0
625
0.0
470
87
750
MC1548D-03RW
48
36.0 - 72.0
257
20
±3.3
±1,500
±0.0
±1,500
80
750
MC1548D-05RW
48
36.0 - 72.0
372
20
±5.0
±1,500
±0.0
±1,500
84
750
MC1548D-07RW
48
36.0 - 72.0
372
20
±7.2
±1,041
±0.0
±1,000
84
750
MC1548D-09RW
48
36.0 - 72.0
367
20
±9.0
±833
±0.0
±680
85
750
MC1548D-12RW
48
36.0 - 72.0
363
20
±12.0
±625
±0.0
±470
86
750
MC1548D-15RW
48
36.0 - 72.0
359
20
±15.0
±500
±0.0
±330
87
750
MC1548D-18RW
48
36.0 - 72.0
359
20
±18.0
±416
±0.0
±220
87
750
MC1548D-24RW
48
36.0 - 72.0
359
20
±24.0
±312
±0.0
±220
87
750
Notes:
1. Load regulation is specified for a load change of 10% to 100% for dual output units.
2. When measuring output ripple, an external 1 µF ceramic capacitor & 10 µF electrolytic
capacitor should be placed in parallel from the +Vout pin to the -Vout pin for single output
models, or from each output to common for dual output models.
3. These converters are specified for operation without external components. However, in
some applications the addition of 10 µF capacitor across the input will enhance stability
and performance.
4. It is recommended that a fuse be used on the input of a power supply for protection.
See the Model Selection table above for the correct rating.
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.02 (±0.50)
Derating Curve
Pin
Single Output
1+VIN
2-VIN
3+VOUT
4
No Pin
5-VOUT
Pin
Dual Output
1+VIN
2-VIN
3+VOUT
4
Common
5-VOUT
Pin Connections


Podobny numer części - MC1548S-07RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1545 MOTOROLA-MC1545 Datasheet
322Kb / 6P
   GATE CONTROLLED TWO CHANNEL INPUT WIDEBAND AMPLIFIER
logo
Texas Instruments
MC1545 TI-MC1545 Datasheet
144Kb / 2P
[Old version datasheet]   GATE-CONTROLLED 2-CHANNEL-INPUT VIDEO AMPLIFIER
logo
Harris Corporation
MC1545 HARRIS-MC1545 Datasheet
3Mb / 6P
   channel-select time of 20 ns typical
MC1545F HARRIS-MC1545F Datasheet
3Mb / 6P
   channel-select time of 20 ns typical
MC1545G HARRIS-MC1545G Datasheet
3Mb / 6P
   channel-select time of 20 ns typical
More results

Podobny opis - MC1548S-07RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
MC2500XRW MPD-MC2500XRW Datasheet
569Kb / 2P
   High Performance, 25W Wide Input Range DC/DC Con vert ers
MA1500RU MPD-MA1500RU Datasheet
347Kb / 3P
   4:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MA1500RW MPD-MA1500RW Datasheet
384Kb / 3P
   2:1 Input Range, 15W Single & Dual Output DC/DC Con vert ers
MPV1580LS MPD-MPV1580LS Datasheet
734Kb / 3P
   Compact PV Power, 15W 200 - 1500V Input DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MA600ERUI MPD-MA600ERUI Datasheet
888Kb / 4P
   Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
   Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com