Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2548S-09RW Arkusz danych(PDF) 2 Page - MicroPower Direct, LLC

Numer części MC2548S-09RW
Szczegółowy opis  High Performance, 25W Wide Input Range DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MC2548S-09RW Arkusz danych(HTML) 2 Page - MicroPower Direct, LLC

  MC2548S-09RW Datasheet HTML 1Page - MicroPower Direct, LLC MC2548S-09RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model
Number
Input
Output
Output
Capacitive
Load
(µF Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
MC2512S-05RW
12
9.0 - 18.0
2,510
20
5.0
5,000
0.0
3,300
83
5,000
MC2512S-07RW
12
9.0 - 18.0
2,480
20
7.2
3,472
0.0
2,200
84
5,000
MC2512S-09RW
12
9.0 - 18.0
2,480
20
9.0
2,777
0.0
1,000
84
5,000
MC2512S-12RW
12
9.0 - 18.0
2,480
20
12.0
2,083
0.0
1,000
84
5,000
MC2512S-15RW
12
9.0 - 18.0
2,450
30
15.0
1,666
0.0
680
85
5,000
MC2512S-18RW
12
9.0 - 18.0
2,450
30
18.0
1,388
0.0
470
85
5,000
MC2512S-24RW
12
9.0 - 18.0
2,450
30
24.0
1,041
0.0
470
85
5,000
MC2512D-03RW
12
9.0 - 18.0
1,718
20
±3.3
±2,500
±0.0
±1,500
80
5,000
MC2512D-05RW
12
9.0 - 18.0
2,540
25
±5.0
±2,500
±0.0
±1,500
82
5,000
MC2512D-07RW
12
9.0 - 18.0
2,510
25
±7.2
±1,736
±0.0
±1,000
83
5,000
MC2512D-09RW
12
9.0 - 18.0
2,480
25
±9.0
±1,388
±0.0
±680
84
5,000
MC2512D-12RW
12
9.0 - 18.0
2,480
30
±12.0
±1,041
±0.0
±470
84
5,000
MC2512D-15RW
12
9.0 - 18.0
2,450
30
±15.0
±833
±0.0
±330
85
5,000
MC2512D-18RW
12
9.0 - 18.0
2,450
35
±18.0
±694
±0.0
±220
85
5,000
MC2512D-24RW
12
9.0 - 18.0
2,450
35
±24.0
±520
±0.0
±220
85
5,000
MC2524S-03RW
24
18.0 - 36.0
838
25
3.3
5,000
0.0
3,300
82
2,500
MC2524S-05RW
24
18.0 - 36.0
1,240
25
5.0
5,000
0.0
3,300
84
2,500
MC2524S-07RW
24
18.0 - 36.0
1,240
25
7.2
3,472
0.0
2,200
84
2,500
MC2524S-09RW
24
18.0 - 36.0
1,240
25
9.0
2,777
0.0
1,000
84
2,500
MC2524S-12RW
24
18.0 - 36.0
1,225
25
12.0
2,083
0.0
1,000
85
2,500
MC2524S-15RW
24
18.0 - 36.0
1,225
25
15.0
1,666
0.0
680
85
2,500
MC2524S-18RW
24
18.0 - 36.0
1,225
25
18.0
1,388
0.0
470
85
2,500
MC2524S-24RW
24
18.0 - 36.0
1,211
25
24.0
1,041
0.0
470
86
2,500
MC2524D-03RW
24
18.0 - 36.0
859
25
±3.3
±2,500
±0.0
±1,500
80
2,500
MC2524D-05RW
24
18.0 - 36.0
1,240
25
±5.0
±2,500
±0.0
±1,500
84
2,500
MC2524D-07RW
24
18.0 - 36.0
1,240
25
±7.2
±1,736
±0.0
±1,000
84
2,500
MC2524D-09RW
24
18.0 - 36.0
1,240
25
±9.0
±1,388
±0.0
±680
84
2,500
MC2524D-12RW
24
18.0 - 36.0
1,225
25
±12.0
±1,041
±0.0
±470
85
2,500
MC2524D-15RW
24
18.0 - 36.0
1,211
25
±15.0
±833
±0.0
±330
86
2,500
MC2524D-18RW
24
18.0 - 36.0
1,211
25
±18.0
±694
±0.0
±220
86
2,500
MC2524D-24RW
24
18.0 - 36.0
1,197
30
±24.0
±520
±0.0
±220
87
2,500
MC2548S-03RW
48
36.0 - 72.0
429
20
3.3
5,000
0.0
3,300
80
1,250
MC2548S-05RW
48
36.0 - 72.0
627
20
5.0
5,000
0.0
3,300
83
1,250
MC2548S-07RW
48
36.0 - 72.0
620
20
7.2
3,472
0.0
2,200
84
1,250
MC2548S-09RW
48
36.0 - 72.0
620
20
9.0
2,777
0.0
1,000
84
1,250
MC2548S-12RW
48
36.0 - 72.0
612
20
12.0
2,083
0.0
1,000
85
1,250
MC2548S-15RW
48
36.0 - 72.0
605
20
15.0
1,666
0.0
680
86
1,250
MC2548S-18RW
48
36.0 - 72.0
605
20
18.0
1,388
0.0
470
86
1,250
MC2548S-24RW
48
36.0 - 72.0
592
25
24.0
1,041
0.0
470
88
1,250
MC2548D-03RW
48
36.0 - 72.0
429
20
±3.3
±2,500
±0.0
±1,500
80
1,250
MC2548D-05RW
48
36.0 - 72.0
620
20
±5.0
±2,500
±0.0
±1,500
84
1,250
MC2548D-07RW
48
36.0 - 72.0
620
20
±7.2
±1,736
±0.0
±1,000
84
1,250
MC2548D-09RW
48
36.0 - 72.0
620
20
±9.0
±1,388
±0.0
±680
84
1,250
MC2548D-12RW
48
36.0 - 72.0
612
20
±12.0
±1,041
±0.0
±470
85
1,250
MC2548D-15RW
48
36.0 - 72.0
598
20
±15.0
±833
±0.0
±330
87
1,250
MC2548D-18RW
48
36.0 - 72.0
598
20
±18.0
±694
±0.0
±220
87
1,250
MC2548D-24RW
48
36.0 - 72.0
598
25
±24.0
±520
±0.0
±220
87
1,250
Notes:
1. Load regulation is specified for a load change of 10% to 100% for dual output units.
2. When measuring output ripple,an external 1 µF ceramic capacitor & 10 µF electrolytic
capacitor should be placed in parallel from the +Vout pin to the -Vout pin for single
output models, or from each output to common for dual output models.
3. These converters are specified for operation without external components. However,
in some applications the addition of 10 µF capacitor across the input will enhance
stability and performance.
4. It is recommended that a fuse be used on the input of a power supply for
protection. See the Model Selection table above for the correct rating.
Mechanical Dimensions
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.02 (±0.50)
Derating Curve
Pin
Single Output
1+VIN
2-VIN
3+VOUT
4
No Pin
5-VOUT
Pin
Dual Output
1+VIN
2-VIN
3+VOUT
4
Common
5-VOUT
Pin Connections


Podobny numer części - MC2548S-09RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2540 ETC1-MC2540 Datasheet
1Mb / 59P
   Technical Specifications for Brushless Servo Motion Control
More results

Podobny opis - MC2548S-09RW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
MC1500XRW MPD-MC1500XRW Datasheet
553Kb / 2P
   High Performance, 15W Wide Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RU MPD-MI2500RU_17 Datasheet
852Kb / 7P
   Compact, 1 x 1 Inch 25W, 4:1 Input Range DC/DC Con vert ers
MI2500RW MPD-MI2500RW_17 Datasheet
924Kb / 8P
   Compact, 1 x 1 Inch 25W, 2:1 Input Range DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MA600ERUI MPD-MA600ERUI Datasheet
888Kb / 4P
   Wide 4:1 Input, 6W, High Isolation, DIP DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
   Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
D200ERW MPD-D200ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com