Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML348D-05RU Arkusz danych(PDF) 2 Page - MicroPower Direct, LLC

Numer części ML348D-05RU
Szczegółowy opis  Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML348D-05RU Arkusz danych(HTML) 2 Page - MicroPower Direct, LLC

  ML348D-05RU Datasheet HTML 1Page - MicroPower Direct, LLC ML348D-05RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Notes:
1. The specified maximum capacitive load is for
each output.
2. When measuring output ripple, it is recommend-
ed that an external 0.47 µF ceramic capacitor
be placed from +VOUT to -VOUT for single output
models or from each output to common for dual
output models. For noise sensitive applications,
the use of 3.3 µF capacitors will reduce the
output ripple.
3. Transient recovery is measured to within a 1% error
band for a load step change of 75% to 100%.
4. The maximum control current at the on/off input (pin
2) during a logic high (+5V) is 400 µA.The maximum
controlcurrenttotheon/offpinatlogiclow(0V)is-400
µA. If the on/off pin is left open, the unit operates. If
grounded, the unit will shut off.
5. The recommended reflow settings are a peak
temperature of 245 °C for a maximum period
(TPK) of 10S and a time above liquidous (TL) of <60
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Model
Number
Input
Output
Efficiency
(%, Typ)
Output
Capacitive
Load
(µF, Max)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
ML324S-03RU
24
9.0 - 36.0
110
30
3.3
600
90
75
220
800
ML324S-05RU
24
9.0 - 36.0
160
30
5.0
600
90
78
220
800
ML324S-12RU
24
9.0 - 36.0
156
30
12.0
250
38
80
47
800
ML324S-15RU
24
9.0 - 36.0
156
30
15.0
200
30
80
47
800
ML324S-24RU
24
9.0 - 36.0
156
30
24.0
125
19
80
47
800
ML324D-05RU
24
9.0 - 36.0
162
30
±5.0
±300
±45
77
47
800
ML324D-12RU
24
9.0 - 36.0
156
30
±12.0
±125
±19
80
47
800
ML324D-15RU
24
9.0 - 36.0
156
30
±15.0
±100
±15
80
47
800
ML348S-03RU
48
18.0 - 75.0
55
20
3.3
600
90
75
220
400
ML348S-05RU
48
18.0 - 75.0
80
20
5.0
600
90
78
220
400
ML348S-12RU
48
18.0 - 75.0
78
20
12.0
250
38
80
47
400
ML348S-15RU
48
18.0 - 75.0
78
20
15.0
200
30
80
47
400
ML348S-24RU
48
18.0 - 75.0
78
20
24.0
125
19
80
47
400
ML348D-05RU
48
18.0 - 75.0
81
20
±5.0
±300
±45
77
47
400
ML348D-12RU
48
18.0 - 75.0
78
20
±12.0
±125
±19
80
47
400
ML348D-15RU
48
18.0 - 75.0
78
20
±15.0
±100
±15
80
47
400
Pin
Single
Dual
1-VIN
-VIN
2
Remote On/Off
7NC
NC
8
NC
Common
9+VOUT
+VOUT
10
-VOUT
-VOUT
16
+VIN
+VIN
NC = No connection
Pin Connections
Board Layout
Derating Curve, All Other Outputs
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve, 3.3V & 5V Outputs
seconds at 217 °C. For more information, please
contact the factory.
6. Operation at no-load will not damage these units.
However, they may not meet all specifications.
7. The converter should be connected to a low
ac-impedance source. An input source with a
highly inductive impedance may affect the sta-
bility of the converter. In applications where the
converter output loading is high and input power
is supplied over long lines, it may be necessary
to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR
(<1.0
 at 100 kHz) capacitor be mounted close
to the converter. For 24V input units a 4.7 µF is
recommended and for 48V input models, a 2.2 µF.
8. It is recommended that a fuse be used on the
input of a power supply for protection. See the
table above for the correct rating.


Podobny numer części - ML348D-05RU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
ML348S-05ERW MPD-ML348S-05ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
ML348S-12ERW MPD-ML348S-12ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
ML348S-15ERW MPD-ML348S-15ERW Datasheet
897Kb / 4P
   Low Cost, 3W SMT 2:1 Input Range DC/DC Converters
More results

Podobny opis - ML348D-05RU

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MA300ERU MPD-MA300ERU Datasheet
1Mb / 4P
   Wide 4:1 Input, 3W Single Output DIP DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MF3000TERU MPD-MF3000TERU Datasheet
1Mb / 4P
   Wide 4:1 Input 30W Triple Output DC/DC Con vert ers
MA300MRURI4 MPD-MA300MRURI4 Datasheet
366Kb / 3P
   EN 60601 Approved 4:1 Input, 3W DIP, DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com