Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML105DM-15RI4 Arkusz danych(PDF) 2 Page - MicroPower Direct, LLC

Numer części ML105DM-15RI4
Szczegółowy opis  Medical Approved Compact SMT, 1W DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPD [MicroPower Direct, LLC]
Strona internetowa  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML105DM-15RI4 Arkusz danych(HTML) 2 Page - MicroPower Direct, LLC

  ML105DM-15RI4 Datasheet HTML 1Page - MicroPower Direct, LLC ML105DM-15RI4 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. The specified maximum capacitive load is for each output.
2. When measuring output ripple, it is recommended that an external 0.47 µF ceramic
capacitor be placed from the +VOUT pin to the -VOUT pin for single output units and
from each output to common for dual output units. For noise sensitive applications,
the use of 3.3 µF capacitors will reduce the output ripple.
3
Contact the factory for required filter components.
4. Any units that are not packaged in a vacuum sealed container should be stored in a
controlled environment. Contact the factory for more information.
5. The recommended reflow settings are a peak temperature of 245 °C for a maxi-
mum period (TPK) of 10S and a time above liquidous (TL) of <60 seconds at 217 °C.
For more information, please contact the factory.
6. Operation at no-load will not damage these units. However, they may not meet
all specifications.
7. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do
this, connect the load across the positive (+VOUT) and negative (-VOUT) outputs and
float the output common.
8. The converter should be connected to a low ac-impedance source. An input source
with a highly inductive impedance may affect the stability of the converter. In appli-
cations where the converter output loading is high and input power is supplied over
long lines, it may be necessary to use a capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
 at 100 kHz) capacitor
be mounted close to the converter. For 5V input units a 2.2 µF is recommended,
for 12V input units, a 1.0 µF; and for 24V units a 0.47 µF.
9. It is recommended that a fuse be used on the input of a power supply for protection.
See the table above for the correct rating.
Model
Number
Input
Output
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
ML105SM-05RI4
5
4.50 - 5.50
263
50
5.0
200.0
4.0
220
76
600
ML105SM-12RI4
5
4.50 - 5.50
252
50
12.0
84.0
1.68
220
80
600
ML105SM-15RI4
5
4.50 - 5.50
246
50
15.0
68.0
1.36
220
83
600
ML105DM-12RI4
5
4.50 - 5.50
252
50
±12.0
±42.0
±0.84
100
80
600
ML105DM-15RI4
5
4.50 - 5.50
236
50
±15.0
±33.0
±0.66
100
84
600
ML112SM-05RI4
12
10.8 - 13.2
110
35
5.0
200.0
4.0
220
76
250
ML112SM-12RI4
12
10.8 - 13.2
106
35
12.0
84.0
1.68
220
79
250
ML112SM-15RI4
12
10.8 - 13.2
106
35
15.0
68.0
1.36
220
80
250
ML112DM-12RI4
12
10.8 - 13.2
106
35
±12.0
±42.0
±0.84
100
79
250
ML112DM-15RI4
12
10.8 - 13.2
103
35
±15.0
±33.0
±0.66
100
80
250
ML124SM-05RI4
24
21.6 - 26.4
55
20
5.0
200.0
4.0
220
76
125
ML124SM-12RI4
24
21.6 - 26.4
53
20
12.0
84.0
1.68
220
80
125
ML124SM-15RI4
24
21.6 - 26.4
53
20
15.0
68.0
1.36
220
80
125
ML124DM-12RI4
24
21.6 - 26.4
53
20
±12.0
±42.0
±0.84
100
80
125
ML124DM-15RI4
24
21.6 - 26.4
52
20
±15.0
±33.0
±0.66
100
80
125
Pin
Single
1-VIN
6NC
7NC
8+VOUT
9-VOUT
14
+VIN
Pin
Dual
1-VIN
6
Common
7-VOUT
8+VOUT
9
Common
14
+VIN
NC = No Connection
Pin Connections
Derating Curve
Solder Layout
y


Podobny numer części - ML105DM-15RI4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
ML105D-12RW MPD-ML105D-12RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML105D-15RW MPD-ML105D-15RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
ML105D05 MPD-ML105D05 Datasheet
309Kb / 2P
   ML100D SERIES
ML105D12 MPD-ML105D12 Datasheet
309Kb / 2P
   ML100D SERIES
ML105D15 MPD-ML105D15 Datasheet
309Kb / 2P
   ML100D SERIES
More results

Podobny opis - ML105DM-15RI4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MicroPower Direct, LLC
MD100MEHI MPD-MD100MEHI Datasheet
452Kb / 3P
   Miniature, 1W SIP Medical Approved DC/DC Con vert ers
MB2000MRWRI4 MPD-MB2000MRWRI4 Datasheet
471Kb / 4P
   Medical Approved, 20W Compact 1 x 2 Inch DC/DC Con vert ers
ML100RW MPD-ML100RW Datasheet
419Kb / 2P
   Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MB1000MRWRI4 MPD-MB1000MRWRI4 Datasheet
388Kb / 3P
   EN 60601 Approved Compact, 2:1 Input, 10W DC/DC Con vert ers
LF100ED MPD-LF100ED Datasheet
233Kb / 2P
   Lowest Cost, Dual Output Ultra-Miniature 1W SMT DC/DC Con vert ers
D100D MPD-D100D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
D100ER MPD-D100ER Datasheet
192Kb / 2P
   Low Cost, 1W SIP Tightly Regulated DC/DC Con vert ers
MD100VHI MPD-MD100VHI Datasheet
475Kb / 2P
   Miniature 1W, SIP, Very High Isolation DC/DC Con vert ers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com