Zakładka z wyszukiwarką danych komponentów |
|
74HCT164PW Arkusz danych(PDF) 2 Page - NXP Semiconductors |
|
74HCT164PW Arkusz danych(HTML) 2 Page - NXP Semiconductors |
2 / 24 page 9397 750 14693 © Koninklijke Philips Electronics N.V. 2005. All rights reserved. Product data sheet Rev. 03 — 4 April 2005 2 of 24 Philips Semiconductors 74HC164; 74HCT164 8-bit serial-in, parallel-out shift register [1] CPD is used to determine the dynamic power dissipation (PD in µW). PD = CPD × VCC2 × fi × N + ∑ (CL × VCC2 × fo) where: fi = input frequency in MHz fo = output frequency in MHz N = number of inputs switching ∑ (C L × VCC 2 × f o) = sum of outputs CL = output load capacitance in pF VCC = supply voltage in Volts [2] For HC the condition is VI = GND to VCC. [3] For HCT the condition is VI = GND to VCC − 1.5 V. 4. Ordering information fmax maximum clock frequency CL = 15 pF; VCC = 5 V - 78 - MHz CI input capacitance - 3.5 - pF CPD power dissipation capacitance per package [1] [2] -40 - pF Type 74HCT164 tPHL, tPLH propagation delay CP to Qn CL = 15 pF; VCC = 5 V -14 - ns MR to Qn CL = 15 pF; VCC = 5 V -16 - ns fmax maximum clock frequency CL = 15 pF; VCC = 5 V - 61 - MHz CI input capacitance - 3.5 - pF CPD power dissipation capacitance per package [1] [3] -40 - pF Table 1: Quick reference data …continued GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns. Symbol Parameter Conditions Min Typ Max Unit Table 2: Ordering information Type number Package Temperature range Name Description Version 74HC164N −40 °C to +125 °C DIP14 plastic dual in-line package; 14 leads (300 mil) SOT27-1 74HC164D −40 °C to +125 °C SO14 plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm SOT108-2 74HC164DB −40 °C to +125 °C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74HC164PW −40 °C to +125 °C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74HCT164N −40 °C to +125 °C DIP14 plastic dual in-line package; 14 leads (300 mil) SOT27-1 74HCT164D −40 °C to +125 °C SO14 plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm SOT108-2 |
Podobny numer części - 74HCT164PW |
|
Podobny opis - 74HCT164PW |