Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS5323GDW20 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części CS5323GDW20
Szczegółowy opis  Three-Phase Buck Controller with 5-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323GDW20 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button CS5323GDW20 Datasheet HTML 4Page - ON Semiconductor CS5323GDW20 Datasheet HTML 5Page - ON Semiconductor CS5323GDW20 Datasheet HTML 6Page - ON Semiconductor CS5323GDW20 Datasheet HTML 7Page - ON Semiconductor CS5323GDW20 Datasheet HTML 8Page - ON Semiconductor CS5323GDW20 Datasheet HTML 9Page - ON Semiconductor CS5323GDW20 Datasheet HTML 10Page - ON Semiconductor CS5323GDW20 Datasheet HTML 11Page - ON Semiconductor CS5323GDW20 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5323
http://onsemi.com
8
+
+
+
+
+
+
+
+
+
+
×
CO1
CO1
PH 1
PH 2
PH 3
VCC
VCC
3.3 V
REF
DAC
CO1
DACOUT
CO2
CO3
DACOUT
FAULT
CO3
OFFSET
FAULT
FAULT
CO2
CO2
DACOUT
FAULT
PH 2
PH 3
PH 1
OSC
BIAS
VCC
ILIM
GATE
GATE
GATE
S
R
R
R
S
S
R
S
FAULT
0.44 V
0.44 V
0.44 V
4.6 V
4.4 V
0.27 V
VITotal
VFB ROSC
Current
Source
Gen
MAXC1
MAXC2
MAXC3
PWMC1
PWMC2
PWMC3
EA
1
2
CSA1
CSA2
CSA3
5
µA
AVPA
1.5
Start
Stop
REF
VID0
VID1
VID2
VID3
VID4
CS1
CS2
CS3
CSREF
1
2
OVIC
RESC
Gnd
VDRP
COMP
CO3
FAULT
Figure 2. Block Diagram
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
ROSC Value, kΩ
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
50
ROSC Value, kΩ
Figure 4. VFB Bias Current vs. ROSC Value
0
60
40
80
20
60
70
80
20
30
40
10


Podobny numer części - CS5323GDW20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5323GDW20 ONSEMI-CS5323GDW20 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
More results

Podobny opis - CS5323GDW20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CS5323 ONSEMI-CS5323_06 Datasheet
328Kb / 16P
   Three?뭁hase Buck Controller with 5?묪it DAC
July, 2006 ??Rev. 7
NCP5322A ONSEMI-NCP5322A Datasheet
1Mb / 32P
   TWO-PHASE BUCK CONTROLLER WITH INTEGRATED GATE DRIVERS AND 5-BIT DAC
December, 2001 ??Rev. 4
NCP5332A ONSEMI-NCP5332A Datasheet
328Kb / 30P
   Two-Phase Buck Controller with Integrated Gate Drivers and 5-Bit DAC
August, 2003 ??Rev. 4
CS5304 ONSEMI-CS5304 Datasheet
247Kb / 19P
   Three-Phase Buck Controller
September, 2011 ??Rev. 0
logo
Analog Devices
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
logo
Analog Devices
ADP3162 AD-ADP3162 Datasheet
151Kb / 12P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. A
ADP3160 AD-ADP3160 Datasheet
292Kb / 16P
   5-Bit Programmable 2-Phase Synchronous Buck Controller
REV. B
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
   5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
logo
Maxim Integrated Produc...
DS4302 MAXIM-DS4302 Datasheet
535Kb / 8P
   2-Wire, 5-Bit DAC with Three Digital Outputs
Rev 1; 6/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com