Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7554 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC7554
Szczegółowy opis  12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

DAC7554 Arkusz danych(HTML) 3 Page - Texas Instruments

  DAC7554 Datasheet HTML 1Page - Texas Instruments DAC7554 Datasheet HTML 2Page - Texas Instruments DAC7554 Datasheet HTML 3Page - Texas Instruments DAC7554 Datasheet HTML 4Page - Texas Instruments DAC7554 Datasheet HTML 5Page - Texas Instruments DAC7554 Datasheet HTML 6Page - Texas Instruments DAC7554 Datasheet HTML 7Page - Texas Instruments DAC7554 Datasheet HTML 8Page - Texas Instruments DAC7554 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC7554
SLAS399A – OCTOBER 2004 – REVISED NOVEMBER 2004
V
DD = 2.7 V to 5.5 V, REFIN = VDD, RL = 2 kΩ to GND; CL = 200 pF to GND; all specifications –40°C to 105°C, unless
otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE(1)
Resolution
12
Bits
Relative accuracy
±0.35
±1
LSB
Differential nonlinearity
Specified monotonic by design
±0.08
± 0.5
LSB
Offset error
±12
mV
Zero-scale error
All zeroes loaded to DAC register
±12
mV
Gain error
±0.15
%FSR
Full-scale error
±0.5
%FSR
Zero-scale error drift
7
µV/
°C
Gain temperature coefficient
3
ppm of FSR/
°C
PSRR
VDD = 5 V
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
Output voltage range
0
REFIN
V
Output voltage settling time
RL = 2 kΩ; 0 pF < CL < 200 pF
5
µs
Slew rate
1
V/µs
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
Digital-to-analog glitch impulse
1 LSB change around major carry
0.1
nV-s
Channel-to-channel crosstalk
1-kHz full-scale sine wave, outputs unloaded
–100
dB
Digital feedthrough
0.1
nV-s
Output noise density (10-kHz offset fre-
70
nV/rtHz
quency)
Total harmonic distortion
FOUT = 1 kHz, FS = 1 MSPS, BW = 20 kHz
–85
dB
DC output impedance
1
Short-circuit current
VDD = 5 V
50
mA
VDD = 3 V
20
Power-up time
Coming out of power-down mode, VDD = 5 V
15
µs
Coming out of power-down mode, VDD = 3 V
15
LOGIC INPUTS(2)
Input current
±1
µA
VIN_L, Input low voltage
VDD = 5 V
0.3 VDD
V
VIN_H, Input high voltage
VDD = 3 V
0.7 VDD
V
Pin capacitance
3
pF
POWER REQUIREMENTS
VDD
2.7
5.5
V
IDD(normal operation)
DAC active and excluding load current
VDD = 3.6 V to 5.5 V
VIH = VDD and VIL = GND
700
880
µA
VDD = 2.7 V to 3.6 V
550
830
IDD (all power-down modes)
VDD = 3.6 V to 5.5 V
VIH = VDD and VIL = GND
0.2
2
µA
VDD = 2.7 V to 3.6 V
0.05
2
Reference input impedance
25
k
POWER EFFICIENCY
IOUT/IDD
ILOAD = 2 mA, VDD = 5 V
93%
(1)
Linearity tested using a reduced code range of 48 to 4048; output unloaded.
(2)
Specified by design and characterization, not production tested.
3


Podobny numer części - DAC7554

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7554 TI1-DAC7554 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGS TI1-DAC7554IDGS Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSG4 TI1-DAC7554IDGSG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSR TI1-DAC7554IDGSR Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC7554

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com