Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VZH Arkusz danych(PDF) 2 Page - Yellow Stone Corp

Numer części VZH
Szczegółowy opis  CHIP TYPE Aluminum Electolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YSTONE [Yellow Stone Corp]
Strona internetowa  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

VZH Arkusz danych(HTML) 2 Page - Yellow Stone Corp

  VZH Datasheet HTML 1Page - Yellow Stone Corp VZH Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
25
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
CHIP TYPE Aluminum Electolytic Capacitors
VZH
■ STANDARD RATINGS
Rated voltage (V)
6.3
10
16
25
35
50
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Item
Rated
capacitance (F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
1
45.7
2.9
60
2.2
45.7
2.9
60
3.3
45.7
2.9
60
4.7
45.7
1.35
80
55.7
1.52
85
10
45.7
1.35
80
45.7
1.35
80
55.7
0.80
150
6.35.7 0.88
165
22
45.7
1.35
80
45.7
1.35
80
55.7
0.80
150
55.7
0.80
150
6.55.7 0.44
230
6.35.7 0.88
165
33
45.7
1.35
80
55.7
0.80
150
6.35.7 0.44
230
6.35.7 0.44
230
6.35.7 0.44
230
6.37.7 0.68
185
6.37.7 0.68
185
47
55.7
0.80
150
6.35.7 0.44
230
6.35.7 0.44
230
6.35.7 0.44
230
6.35.7 0.44
230
86.5
0.68
185
68
86.5
0.36
280
810
0.34
369
6.37.7 0.36
280
810
0.34
369
100
6.35.7
0.44
230
6.35.7 0.44
230
6.35.7 0.44
230
86.5
0.36
280
810
0.17
450
1010
0.18
553
6.37.7 0.36
280
810
0.17
450
150
6.35.7
0.44
230
6.35.7 0.44
230
86.5
0.36
280
810
0.17
450
107.7
0.17
450
1010
0.18
553
6.37.7 0.36
280
810
0.17
450
220
6.37.7
0.36
280
86.5
0.36
280
6.37.7 0.36
280
107.7
0.17
450
1010
0.09
670
12.513.5 0.12
650
86.5
0.36
280
810
0.17
450
810
0.17
450
330
810
0.17
450
107.7
0.17
450
107.7
0.17
450
810
0.17
450
12.513.5 0.070
820
12.513.5 0.12
650
810
0.17
450
810
0.17
450
810
0.17
450
470
107.7
0.17
450
107.7
0.17
450
1010
0.09
670
1010
0.09
670
12.516 0.060
950
1616.5 0.073
1000
810
0.17
450
680
107.7
0.17
450
1010
0.09
670
1010
0.09
670
12.513.5 0.070
820
12.516 0.060
950
1616.5 0.073
1000
1000
810
0.17
450
1010
0.09
670
12.513.5 0.070
820
12.516 0.060
950
1616.5 0.054
1260
1816.5 0.066
1500
1816.5 0.048
1500
1500
1010
0.09
670 12.513.5 0.070
820
12.516 0.060
950
1616.5 0.054
1260
1621.5 0.038
1630
1821.5 0.05
1620
2200
12.513.5 0.070
820
12.516 0.060
950
1616.5 0.054 1260 1616.5 0.054
1260
1821.5 0.038
1750
1816.5 0.048
1500
1621.5 0.038
1630
3300
12.516 0.060
950
1616.5 0.054
1260
1616.5
1621.5
0.054
0.038
1260
1630
1821.5 0.038
1750
1816.5 0.048 1500
4700
1616.5 0.054 1260 1616.5 0.054
1260
1621.5 0.038 1630
Rated voltage (V)
63
80
100
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Case
Impedance
Rated
ripple
current
Item
Rated
capacitance (F)
DL
(mm)
mArms
DL
(mm)
mArms
DL
(mm)
mArms
4.7
55.7
1.90
70
10
6.35.7
1.20
130
22
6.37.7
0.90
150
810
1.3
130
810
1.3
130
33
810
0.50
280
810
1.3
130
1010
0.7
200
47
810
0.50
280
1010
0.7
200
1010
0.7
200
100
1010
0.25
450
1010
0.7
200
12.513.5 0.32
450
150
12.513.5 0.15
700 12.513.5 0.32
450
12.516 0.26
550
1616.5 0.17
650
220
12.513.5 0.15
700
12.516 0.26
550
1821.5 0.15
950
1816.5 0.15
850
330
1616.5 0.082
900
1616.5 0.17
650
1621.5 0.15
900
1816.5 0.15
850
470
1616.5 0.082
900
1621.5 0.15
900
1821.5 0.15
950
1816.5 0.080 1150
680
1621.5 0.080 1150
1821.5 0.15
950
1000
1821.5 0.06
1250
(Note) Rated ripple current:mA/rms at 100kHz, 105℃, Impedance:/at 100kHz, 20℃


Podobny numer części - VZH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
VZH SURGE-VZH Datasheet
2Mb / 2P
   SMD Aluminum Eletrolytic Capacitors
logo
RFE international
VZH RFE-VZH Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VZH101M1VTR080100 RFE-VZH101M1VTR080100 Datasheet
767Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
2021.09.09
VZH101MIVTR080100 RFE-VZH101MIVTR080100 Datasheet
122Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VZH Series: Surface Mount, Ultra Low Impedance
More results

Podobny opis - VZH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yellow Stone Corp
RVD YSTONE-RVD Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RV5 YSTONE-RV5 Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RVJ YSTONE-RVJ Datasheet
955Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
RVS YSTONE-RVS Datasheet
1,009Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
VEJ YSTONE-VEJ Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RVZ YSTONE-RVZ Datasheet
1Mb / 2P
   CHIP TYPE Aluminum Electolytic Capacitors
RV2 YSTONE-RV2 Datasheet
1,013Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
RV3 YSTONE-RV3 Datasheet
920Kb / 1P
   CHIP TYPE Aluminum Electolytic Capacitors
logo
Altera Corporation
RYK-10V561MG5T-FL ALTERA-RYK-10V561MG5T-FL Datasheet
97Kb / 1P
   HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
RYK-16V471MG5TT-FL ALTERA-RYK-16V471MG5TT-FL Datasheet
87Kb / 2P
   HORIZONTAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com