Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FM25040-P Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części FM25040-P
Szczegółowy opis  4Kb FRAM Serial Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

FM25040-P Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  FM25040-P Datasheet HTML 1Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 2Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 3Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 4Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 5Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 6Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 7Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 8Page - List of Unclassifed Manufacturers FM25040-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Ramtron
FM25040
11 May 2000
4/14
Serial Peripheral Interface – SPI Bus
The FM25040 employs a Serial Peripheral Interface
(SPI) bus. This high-speed serial bus provides high
performance serial communication with a host
microcontroller.
Many
common
microcontrollers
have hardware SPI ports allowing a direct interface. It
is quite simple to emulate the SPI interface using
ordinary port pins for microcontrollers that do not.
Note that the FM25040 operates in SPI Mode 0 only.
The SPI interface uses a total of four pins; clock,
data-in, data-out, and chip select. It is possible to
connect the two data lines together. Figure 2
illustrates a typical system configuration using the
FM25040 with a microcontroller that offers an SPI
port. Figure 3 shows a similar configuration for a
microcontroller that has no hardware support for the
SPI bus.
Protocol Overview
The SPI interface is a synchronous serial interface
using clock and data lines. It is intended to support
multiple devices on the bus. Each device is activated
using a chip select. Once chip select is activated by
the bus master, the FM25040 will begin monitoring
the clock and data lines. The relationship between the
falling edge of /CS, the clock and data is dictated by
the SPI mode. There are four such modes however
the FM25040 supports only mode 0. This mode
dictates that the SCK signal must be low when /CS is
activated.
The SPI protocol is controlled by op-codes. These
op-codes specify the commands to the part. After /CS
is activated, the first byte transferred from the bus
master is the op-code. Following the op-code, any
addresses and data are then transferred. Certain op-
codes are commands with no subsequent data
transfer. The /CS must go inactive after an operation
is complete and before a new op-code can be issued.
Figure 2. System Configuration with SPI port
Figure 3. System Configuration without SPI port


Podobny numer części - FM25040-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ramtron International C...
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-G RAMTRON-FM25040A-G Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040A-S RAMTRON-FM25040A-S Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
FM25040B RAMTRON-FM25040B Datasheet
313Kb / 13P
   4Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25040B CYPRESS-FM25040B Datasheet
449Kb / 13P
   4Kb Serial 5V F-RAM Memory
More results

Podobny opis - FM25040-P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
   4Kb FRAM Serial 3V Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
   4Kb FRAM Serial 3V Memory
logo
Ramtron International C...
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
   4Kb FRAM Serial 3V Memory
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
   64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
   16Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com