Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OP245B Arkusz danych(PDF) 1 Page - TT Electronics.

Numer części OP245B
Szczegółowy opis  Plastic Infrared Emitting Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TTELEC [TT Electronics.]
Strona internetowa  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP245B Arkusz danych(HTML) 1 Page - TT Electronics.

  OP245B Datasheet HTML 1Page - TT Electronics. OP245B Datasheet HTML 2Page - TT Electronics. OP245B Datasheet HTML 3Page - TT Electronics. OP245B Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP240 Series
OP245 Series
© TT electronics plc
Issue B
07/2016
Page 1
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
Each device in this series is a high intensity gallium aluminum arsenide infrared emitting diode that is suited for use as a
PCBoard mounted slotted switch or an easy mount PCBoard interrupter.
Each dome lens OP240 and OP245 device is an 890 nm diode that is molded in an IR-transmissive clear epoxy side-looking
package. OP240 is mechanically and spectrally matched to the OP550 and OP560 series of phototransistors. OP245 is
mechanically and spectrally matched to the OP555 and OP565 series devices.
Please refer to Application Bulletins 208 and 210 for additional design information and reliability (degradation) data.
Applications:
 Space-limited applications
 PCBoard mounted slotted switch
 PCBoard interrupter
Features:
 Wide irradiance pattern
 Side-looking package for space-limited applications
 Wavelength matched to silicon’s peak response
 Mechanically and spectrally matched to other OPTEK products
RoHS
OP240
OP245
Ordering Information
Part
Number
LED Peak
Wavelength
Lens
Type
Total Beam
Angle
Lead
Length
OP240A
890 nm
Dome
40°
0.50"
minimum
OP240B
OP240C
OP240D
OP245A
Recessed
OP245B
OP240 (A, B, C, D)
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
2
1
Pin #
LED
1
Cathode
2
Anode
OP245 CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using
ND Industries’ Vibra-Tite for thread-locking.
Vibra-Tite evaporates fast without causing structural failure in
OPTEK'S molded plastics.


Podobny numer części - OP245B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP245B OPTEK-OP245B Datasheet
360Kb / 2P
   GAAIAS PLASTIC INFRARED EMITTING DIODES
OP245B OPTEK-OP245B Datasheet
229Kb / 3P
   Plastic Infrared Emitting Diode
OP245B OPTEK-OP245B Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
More results

Podobny opis - OP245B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OPTEK Technologies
OP265 OPTEK-OP265_14 Datasheet
232Kb / 4P
   Plastic Infrared Emitting Diode
OP265 OPTEK-OP265_06 Datasheet
334Kb / 4P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265FAA TTELEC-OP265FAA Datasheet
376Kb / 3P
   Plastic Infrared Emitting Diode
OP168F TTELEC-OP168F Datasheet
380Kb / 6P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP168 OPTEK-OP168_14 Datasheet
230Kb / 6P
   Plastic Infrared Emitting Diode
OP240 OPTEK-OP240_14 Datasheet
235Kb / 3P
   Plastic Infrared Emitting Diode
OP165 OPTEK-OP165_06 Datasheet
387Kb / 4P
   Plastic Infrared Emitting Diode
OP290 OPTEK-OP290 Datasheet
343Kb / 8P
   Plastic Infrared Emitting Diode
logo
TT Electronics.
OP265WPS TTELEC-OP265WPS Datasheet
339Kb / 3P
   Plastic Infrared Emitting Diode
OP290 TTELEC-OP290 Datasheet
1Mb / 9P
   Plastic Infrared Emitting Diode
logo
OPTEK Technologies
OP165 OPTEK-OP165_14 Datasheet
277Kb / 4P
   Plastic Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com