Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BCX56 Arkusz danych(PDF) 1 Page - Micro Commercial Components

Numer części BCX56
Szczegółowy opis  NPN Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MCC [Micro Commercial Components]
Strona internetowa  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCX56 Arkusz danych(HTML) 1 Page - Micro Commercial Components

  BCX56_13 Datasheet HTML 1Page - Micro Commercial Components BCX56_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCX56
BCX56-10
BCX56-16
NPN
Plastic-Encapsulate
Transistors
Features
x
Power Dissipation: PCM=0.5W (Tamb=25 )
x
Collector Current: ICM=1.0A
x
Collector-Base Voltage: V(BR)CBO=100V
x
Marking : BCX56=BH, BCX56-10=BK, BCX56-16=BL
Maximum Ratings
Symbol
Rating
Value
Unit
VCEO
Collector-Emitter Voltage
80
V
VCBO
Collector-Base Voltage
100
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current DC
1.0
A
PC
Collector Power Dissipation
0.5
W
TJ
Junction Temperature
150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
qC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
OFF CHARACTERISTICS
VCBO
Collector-Base Voltage
(IC=100
µAdc, I
E=0)
100
---
---
Vdc
VCEO
Collector-Emitter Voltage
(IC=10mAdc, IB=0)
80
---
---
Vdc
VEBO
Emitter-Base Voltage
(IE=10
µAdc, I
C=0)
5.0
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=30Vdc, IE=0)
---
---
0.1
µAdc
IEBO
Emitter Cutoff Current
(VEB=5.0Vdc, IC=0)
---
---
0.1
µAdc
hFE(1)
DC Current Gain
(VCE=2.0Vdc, IC=150mAdc)
BCX56
BCX56-10
BCX56-16
63
63
100
---
---
---
250
160
250
---
hFE(2)
DC Current Gain
(VCE=2.0Vdc, IC=5.0mAdc)
40
---
---
---
hFE(3)
DC Current Gain
(VCE=2.0Vdc, IC=500mAdc)
25
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=500mAdc,IB=50mAdc)
---
---
0.5
Vdc
VBE(sat)
Base-Emitter Voltage
(IC=500mAdc, VCE=2.0Vdc)
---
---
1.0
Vdc
fT
Transition Frequency
(VCE=100Vdc, IC=50mAdc,
f=100MHz)
130
---
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01




















SOT-89
1. BASE
2. COLLECTOR
3. EMITTER
TM
Micro Commercial Components
www.mccsemi.com
1 of 2




 

 
 











25











































B
A
E
D
G
H
F
K
J
C





















1.55
.061
REF.


123




























































Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"


Podobny numer części - BCX56_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BCX56-10 PHILIPS-BCX56-10 Datasheet
42Kb / 8P
   NPN medium power transistors
Rev. 07 - 4 June 2007
logo
GUANGDONG HOTTECH INDUS...
BCX56-10 HOTTECH-BCX56-10 Datasheet
720Kb / 4P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
BCX56-10 SIEMENS-BCX56-10 Datasheet
146Kb / 5P
   NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Galaxy Semi-Conductor H...
BCX56-10 BILIN-BCX56-10 Datasheet
191Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BCX56-10 INFINEON-BCX56-10 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Jul-10-2001
More results

Podobny opis - BCX56_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com