Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7541AKRZ-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7541AKRZ-REEL
Szczegółowy opis  CMOS, 12-Bit, Monolithic Multiplying DAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7541AKRZ-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7541AKRZ-REEL Datasheet HTML 6Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 7Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 8Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 9Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 10Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 11Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 12Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 13Page - Analog Devices AD7541AKRZ-REEL Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
AD7541A
Rev. C | Page 9 of 13
APPLICATIONS INFORMATION
UNIPOLAR BINARY OPERATION (TWO QUADRANT
MULTIPLICATION)
Figure 7 shows the analog circuit connections required for
unipolar binary (two quadrant multiplication) operation. With
a dc reference voltage or current (positive or negative polarity)
applied at Pin 17, the circuit is a unipolar DAC. With an ac
reference voltage or current, the circuit provides two quadrant
multiplication (digitally controlled attenuation). The input/output
relationship is shown in Table 5.
1
2
17
OUT 1
OUT 2
2
GND
18
RFEEDBACK
VDD
16
VDD
VREF IN
DIGITAL
GROUND
ANALOG
COMMON
AD7541A
VIN
R11
VOUT
C1
33pF
R21
1REFER TO TABLE 4
PIN 4 TO
PIN 15
4
15
BIT 1 TO
BIT 12
Figure 7. Unipolar Binary Operation
R1 provides full-scale trim capability (that is, load the DAC
register to 1111 1111 1111, adjust R1 for VOUT = –VREF
(4095/4096)). Alternatively, full scale can be adjusted by
omitting R1 and R2 and trimming the reference voltage
magnitude.
C1 phase compensation (10 pF to 25 pF) may be required for
stability when using high speed amplifiers. C1 is used to cancel
the pole formed by the DAC internal feedback resistance and
output capacitance at OUT 1.
Amplifier A1 must be selected or trimmed to provide VOS ≤ 10% of
the voltage resolution at VOUT. Additionally, the amplifier must
exhibit a bias current that is low over the temperature range of
interest (bias current causes output offset at VOUT equal to IB
times the DAC feedback resistance, nominally 11 kΩ).
Table 4. Recommended Trim Resistor Values vs. Grades
Trim Resistor
JN
KN
R1
100 Ω
100 Ω
R2
47 Ω
33 Ω
Table 5. Unipolar Binary Code Table for Circuit of Figure 7
Binary Number in DAC
MSB
LSB
Analog Output, VOUT
1 1 1 1
1 1 1 1
−VIN(4095/4096)
1 0 0 0
0 0 0 0
0 0 0 0
−VIN(2048/4096) = −1/2VIN
0 0 0 0
0 0 0 0
0 0 0 1
−VIN(1/4096)
0 0 0 0
0 0 0 0
0 0 0 0
0 V


Podobny numer części - AD7541AKRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
More results

Podobny opis - AD7541AKRZ-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7541AJNZ AD-AD7541AJNZ Datasheet
180Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A Datasheet
227Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
5962-89481022A AD-5962-89481022A Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKRZ AD-AD7541AKRZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541AKNZ AD-AD7541AKNZ Datasheet
230Kb / 8P
   CMOS 12-Bit Monolithic Multiplying DAC
REV. B
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7545 AD-AD7545_17 Datasheet
229Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com