Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7545GUQ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7545GUQ
Szczegółowy opis  CMOS 12-Bit Buffered Multiplying DAC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7545GUQ Arkusz danych(HTML) 1 Page - Analog Devices

  AD7545GUQ Datasheet HTML 1Page - Analog Devices AD7545GUQ Datasheet HTML 2Page - Analog Devices AD7545GUQ Datasheet HTML 3Page - Analog Devices AD7545GUQ Datasheet HTML 4Page - Analog Devices AD7545GUQ Datasheet HTML 5Page - Analog Devices AD7545GUQ Datasheet HTML 6Page - Analog Devices AD7545GUQ Datasheet HTML 7Page - Analog Devices AD7545GUQ Datasheet HTML 8Page - Analog Devices AD7545GUQ Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7545
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
CMOS 12-Bit
Buffered Multiplying DAC
FUNCTIONAL BLOCK DIAGRAM
19
16
17
20
1
2
3
18
AD7545
R
RFB
OUT 1
AGND
VDD
DGND
DB11–DB0
(PINS 4–15)
12
12
12-BIT
MULTIPLYING DAC
INPUT DATA LATCHES
VREF
WR
CS
FEATURES
12-Bit Resolution
Low Gain TC: 2 ppm/ C typ
Fast TTL Compatible Data Latches
Single +5 V to +15 V Supply
Small 20-Lead 0.3" DIP and 20-Terminal Surface Mount
Packages
Latch Free (Schottky Protection Diode Not Required)
Low Cost
Ideal for Battery Operated Equipment
PIN CONFIGURATIONS
DIP
LCCC
PLCC
GENERAL DESCRIPTION
The AD7545 is a monolithic 12-bit CMOS multiplying DAC
with onboard data latches. It is loaded by a single 12-bit wide
word and directly interfaces to most 12- and 16-bit bus systems.
Data is loaded into the input latches under the control of the CS
and WR inputs; tying these control inputs low makes the input
latches transparent, allowing direct unbuffered operation of the
DAC.
The AD7545 is particularly suitable for single supply operation
and applications with wide temperature variations.
The AD7545 can be used with any supply voltage from +5 V to
+15 V. With CMOS logic levels at the inputs the device dissi-
pates less than 0.5 mW for VDD = +5 V.
20 19
18
1
2
3
4
5
6
7
8
9
10
11 12
13
14
15
16
17
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
DB11 (MSB)
DB10
DB9
DB8
DB7
VDD
WR
CS
DB0 (LSB)
DB1
AD7545
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
TOP VIEW
(Not to Scale)
AD7545
OUT 1
WR
VDD
VREF
RFB
AGND
DGND
DB11 (MSB)
DB1
DB0 (MSB)
CS
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9 1011 1213
TOP VIEW
(Not to Scale)
AD7545
DB11 (MSB)
DB10
DB9
DB8
DB7
VDD
WR
CS
DB0 (LSB)
DB1


Podobny numer części - AD7545GUQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7545GUQ AD-AD7545GUQ Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
More results

Podobny opis - AD7545GUQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
AD7545 INTERSIL-AD7545 Datasheet
111Kb / 7P
   12-Bit, Buffered, Multiplying CMOS DAC
August 1997
AD7545 INTERSIL-AD7545_01 Datasheet
271Kb / 8P
   12-Bit, Buffered, Multiplying CMOS DAC
logo
Maxim Integrated Produc...
MX7545 MAXIM-MX7545 Datasheet
473Kb / 11P
   CMOS 12-Bit Buffered Multiplying DAC
19-0311; Rev 1; 7/95
logo
Analog Devices
AD7545A AD-AD7545A_17 Datasheet
350Kb / 9P
   CMOS 12-Bit Buffered Multiplying DAC
AD7545A AD-AD7545A Datasheet
317Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
AD7545 AD-AD7545 Datasheet
198Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. A
AD7545AKNZ AD-AD7545AKNZ Datasheet
309Kb / 8P
   CMOS 12-Bit Buffered Multiplying DAC
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
logo
Analog Devices
AD7524 AD-AD7524_17 Datasheet
196Kb / 9P
   CMOS 8-Bit Buffered Multiplying DAC
logo
Sipex Corporation
HS7512 SIPEX-HS7512 Datasheet
94Kb / 6P
   Double-Buffered 12-Bit Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com