Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13145FTA Arkusz danych(PDF) 9 Page - LANSDALE Semiconductor Inc.

Numer części MC13145FTA
Szczegółowy opis  UHF Wideband Receiver Subsystem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13145FTA Arkusz danych(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC13145FTA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
www.lansdale.com
Page 9 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
Description
Description
Symbol/Type
Pin
32, 34
VEE
VCC
LO Out+
LO Out–
(to Mxr2)
VEE, Negative Supply Voltage
33
LO2
LO2
33
VEE
32
390
µA
2nd Local Oscillator
The 2nd LO input impedance is broadband 50 Ω; it
is driven from an external 50 Ω source. Typical level
is –15 to –10 dBm.
35
IF2+
IF2+
35
VEE
34
2nd Mixer Outputs
The Mixer is a differential open collector
configuration.
36
IF2–
IF2–
36
37
VEE
See Figure 4.
VEE, Negative Supply Voltage
38
IF In
IF Amplifier Input
IF amplifier input source impedance is 330 Ω.. The
three stage amplifier has 40 dB of gain with 3.0 dB
bandwidth of 40 MHz.
39, 40
IF Dec1,
IF Dec2
IF Decoupling
These pins are decoupled to VCC to provide stable
operation of the limiting IF amplifier.
41
IF Out
IF Amplifier Output
IF amplifier output load impedance is 330 Ω.
42
VCC
VCC, Positive Supply Voltage
7
RSSI
RSSI
The RSSI circuitry in the 2nd & 3rd amplifier stages
outputs a current when the output of the previous
stage enters limiting. The net result is a RSSI
current which represents the logarithm of the IF
input voltage. An external resistor to ground is used
to provide a voltage output.


Podobny numer części - MC13145FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Podobny opis - MC13145FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
Quanzhou Jinmei Electro...
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com