Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13145FTA Arkusz danych(PDF) 2 Page - LANSDALE Semiconductor Inc.

Numer części MC13145FTA
Szczegółowy opis  UHF Wideband Receiver Subsystem
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC13145FTA Arkusz danych(HTML) 2 Page - LANSDALE Semiconductor Inc.

  MC13145FTA Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC13145FTA Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
www.lansdale.com
Page 2 of 17
Issue 0
LANSDALE Semiconductor, Inc.
ML13145
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC(max)
7.0
Vdc
Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
Tstg
–65 to 150
°C
Maximum Input Signal
Pin
5.0
dBm
NOTES: 1. Meets Human Body Model (HBM) ≤250 V and Machine Model (MM) ≤25 V.
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (TA = 25°C)
VCC
2.7
6.5
Vdc
VEE
0
0
0
Input Frequency (LNA In, Mxr1 In)
fin
100
1800
MHz
Ambient Temperature Range
TA
–20
70
°C
Input Signal Level (with minor performance degradation)
Pin
–10
dBm
RECEIVER DC ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.6 Vdc; No Input Signal,
unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
Total Supply Current (Enable = VCC)
Itotal
24
27
34
mA
Power Down Current (Enable = VEE)
Itotal
10
50
A
RECEIVER AC ELECTRICAL CHARACTERISTICS (TA = 25°C; VCC = 3.6 Vdc; RF In = 1.0 GHz; 1st LO Freq = 1070.7 MHz; 2nd
LO Freq = 60 MHz; fmod = 1.0 kHz; fdev = ±40 kHz; IF filter bandwidth = 280 kHz, unless otherwise noted. See Figure 1 Test Circuit)
Characteristics
Input
Pin
Measure
Pin
Symbol
MIn
Typ
Max
Unit
SINAD @ –110 dBm LNA Input
LNA In
Det Out
SINAD
12
20
dB
12 dB SINAD Sensitivity (Apps Circuit with
C–message filter at DetOut)
LNA In
Det Out
SINAD12dB
–115
dBm
30 dB SINAD Sensitivity (No IF filter distortion within
±40 kHz)
LNA In
Det Out
SINAD30dB
–100
dBm
SINAD Variation with IF Offset of ±40 kHz (No IF filter
distortion within ±40 kHz)
LNA In
Det Out
5.0
dB
Noise Figure: LNA, 1st Mixer & 2nd Mixer
LNA In
IF Out
NF
3.5
5.0
dB
Power Gain: LNA, 1st Mixer & 2nd Mixer
LNA In
IF Out
G
15
19
25
dB
RSSI Dynamic Range
IF In
RSSI
80
dB
RSSI Current
IF In
RSSI
µA
–10 dBm @ IF Input
35
40
55
–20 dBm @ IF Input
35
–30 dBm @ IF Input
30
–40 dBm @ IF Input
25
–50 dBm @ IF Input
15
20
37
–60 dBm @ IF Input
15
–70 dBm @ IF Input
10
–80 dBm @ IF Input
5.0
–90 dBm @ IF Input
1.0
7.0
Input 1.0 dB Compression Point(Measured at IF
output)
Pin1dB
–18
dBm
Input 3rd Order Intercept Point (Measured at IF
output)
IIP3
–8.0
dBm
Demodulator Output Swing (50 k || 56 pF Load)
IF In
Det Out
Vout
0.8
1.0
1.2
Vpp


Podobny numer części - MC13145FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC13145FTA LANSDALE-MC13145FTA Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
More results

Podobny opis - MC13145FTA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML13145 LANSDALE-ML13145 Datasheet
2Mb / 17P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Motorola, Inc
MC13145 MOTOROLA-MC13145 Datasheet
231Kb / 6P
   UHF Wideband Receiver Subsystem (LNA, Mixer, VCO, Prescaler, IF Subsystem, Coiless Detector)
logo
Analog Devices
AD6676 AD-AD6676 Datasheet
2Mb / 90P
   Wideband IF Receiver Subsystem
AD6676 AD-AD6676_17 Datasheet
1Mb / 90P
   Wideband IF Receiver Subsystem
logo
Texas Instruments
LM15851 TI1-LM15851 Datasheet
1Mb / 87P
[Old version datasheet]   Ultra-Wideband RF Sampling Subsystem
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
   Integrated Circuit AM Receiver Subsystem
logo
Quanzhou Jinmei Electro...
PRF949 JMNIC-PRF949_15 Datasheet
117Kb / 16P
   UHF wideband transistor
logo
NXP Semiconductors
PBR941 PHILIPS-PBR941_15 Datasheet
121Kb / 16P
   UHF wideband transistor
1998 Aug 10
PRF957 PHILIPS-PRF957 Datasheet
109Kb / 16P
   UHF wideband transistor
1999 Jul 23
logo
Quanzhou Jinmei Electro...
PBR941B JMNIC-PBR941B_15 Datasheet
160Kb / 13P
   UHF wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com