Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML12002 Arkusz danych(PDF) 9 Page - LANSDALE Semiconductor Inc.

Numer części ML12002
Szczegółowy opis  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML12002 Arkusz danych(HTML) 9 Page - LANSDALE Semiconductor Inc.

  ML12002_08 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML12002_08 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 9 of 9
Issue A
SOG 14 = -5P
(ML12002-5P)
CASE 751A-03
-A-
-B-
P 7 PL
G
C
K
SEAT-
ING
PLANE
M
J
R X 45
1
7
8
14
T
F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982
2. CONTROLLING DIMENSION: MILLIMETER
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION
4. MAXIMUM HOLD PROTRUSION 0.15 (0.006) PER
SIDE
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN
EXCESS OF THE D DIMENSION AT MAXIMUM
MATERIAL CONDITION
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
8.55
8.75
0.337
0.334
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
G
1.27 BSC
0.050 BSC
0.049
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
M
0.25 (0.010)
B
M
0.25 (0.010)
B
A
M
SS
M
OUTLINE DIMENSIONS
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.


Podobny numer części - ML12002_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12002-5P LANSDALE-ML12002-5P Datasheet
971Kb / 9P
   Analog Mixer
ML12002CP LANSDALE-ML12002CP Datasheet
971Kb / 9P
   Analog Mixer
More results

Podobny opis - ML12002_08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
logo
Motorola, Inc
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com