Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC12002D Arkusz danych(PDF) 6 Page - LANSDALE Semiconductor Inc.

Numer części MC12002D
Szczegółowy opis  Analog Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC12002D Arkusz danych(HTML) 6 Page - LANSDALE Semiconductor Inc.

  MC12002D Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC12002D Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LANSDALE Semiconductor, Inc.
ML12002
www.lansdale.com
Page 6 of 9
Issue A
Notes:
Test 1 – Pins 5 and 6 left open
Test 2 – Pins 5 and 6 are tied to –5.0 volts
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–60
–50
–40
–30
–20
–10
fc = 10 MHz @ 30 mvrms
fs = 10 KHz @ 150 mvrms
Local Oscillator
Inputs
3
2
1.0
µf
1.0
µf
1.0
µf
Mixer
Inputs
Reg.
Bypass
1.0
µf
8
9
0.1
µf
10
1
VEE
0.1
µf
–5.0 V
0.1
µf
7
IOO = I11 – I12
14
VCC
56
Outputs
12
I12
µA
I11
11
µA
Null
Adjust
I
I
TEST 1
TA, AMBIENT TEMPERATURE (°C)
+125
+100
+75
+50
+25
0
–25
–55
–100
–50
0.0
+50
+100
TEST 2
1
6
21
26
16
31
1000
800
600
f, FREQUENCY (MHZ)
400
200
50
100
150
200
250
300
350
400
11
C
R
Zin
R(OHMS)
TYPICAL INPUT IMPEDANCE
vs
FREQUENCY
R
– LOCAL OSCILLATOR –
AND SIGNAL INPUTS
C
Figure 10. Carrier Suppression versus Temperature
Figure 11a. Output Offset Current (I00) versus Temperature
Figure 12. Output Offset Current versus Temperature
Figure 13. Typical Input Impedance versus Frequency
(No Circuit)


Podobny numer części - MC12002D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC12002D LANSDALE-MC12002D Datasheet
971Kb / 9P
   Analog Mixer
More results

Podobny opis - MC12002D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML12002 LANSDALE-ML12002 Datasheet
971Kb / 9P
   Analog Mixer
logo
Motorola, Inc
MC12002 MOTOROLA-MC12002 Datasheet
140Kb / 8P
   ANALOG MIXER
logo
LANSDALE Semiconductor ...
ML12502 LANSDALE-ML12502_08 Datasheet
1Mb / 8P
   Analog Mixer With On?밅hip Regulator For Bias Control
ML12502 LANSDALE-ML12502 Datasheet
1Mb / 8P
   Analog Mixer With On-Chip Regulator For Bias Control
logo
Maxim Integrated Produc...
MAX2091 MAXIM-MAX2091_V01 Datasheet
6Mb / 29P
   50MHz to 500MHz Analog VGA, 1735MHz to 1935MHz Upconverting Mixer
2015
logo
American Accurate Compo...
JXWBHP-MM93PG-40 AAC-JXWBHP-MM93PG-40 Datasheet
38Kb / 1P
   Mixer
JXWBHP-T-800-900-7 AAC-JXWBHP-T-800-900-7 Datasheet
36Kb / 1P
   Mixer
JXWBHP-T-3000-4000-12 AAC-JXWBHP-T-3000-4000-12 Datasheet
70Kb / 1P
   Mixer
JXWBHP-T-1000-18500 AAC-JXWBHP-T-1000-18500 Datasheet
71Kb / 1P
   Mixer
JXWBHP-T-2200-2300-10 AAC-JXWBHP-T-2200-2300-10 Datasheet
37Kb / 1P
   Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com