Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3025KS Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SI-3025KS
Szczegółowy opis  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

SI-3025KS Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-3025KS Datasheet HTML 1Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 2Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 3Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 5Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 6Page - List of Unclassifed Manufacturers SI-3025KS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
sFeatures
• Compact surface-mount package (SOP-8)
• Output current: 1.0 A
• Low-ESR capacitor can be used.
• Low current consumption Iq
≤ 350
µA (IO = 0 A, VC = 2 V)
• Low current consumption Iq (OFF)
≤ 1
µA (VC = 0 V)
• Low dropout voltage VDIF
≤ 0.6 V (IO = 1 A)
• 4 types of output voltages (1.8 V, 2.5 V, 3.3 V, and variable type) available
• Output ON/OFF control pin compatible with LS-TTL
• Built-in dropping type overcurrent, thermal protection circuits
sApplications
• Local power supplies
• Battery-driven electronic equipment
sAbsolute Maximum Ratings
SI-3000KS Series
Surface-Mount, Low Current Consumption, Low Dropout Voltage DropperType
Unit
V
V
A
W
°C
°C
°C/W
°C/W
Ratings
17
VIN
1.0
0.76
–40 to +125
–40 to +125
130
22
(Ta=25
°C)
*1: VIN (max) and IO (max) are restricted by the relationship PD = (VIN - VO) x IO. Calculate these values referring to the
power dissipation vs. copper area data shown in this document.
*2: When mounted on a glass epoxy board measuring 1600 mm2 (with 2% copper area).
qSI-3000KS Series
Parameter
DC Input Voltage
Output Control Pin Voltage
Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal resistance (Junction to Lead (pin 7))
Symbol
VIN*1
VC
IO*1
PD*1, *2
Tj
Tstg
Rth(j-a)*
Rth(j-l)


Podobny numer części - SI-3025KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3025KS ALLEGRO-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3025KS SANKEN-SI-3025KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3025KS SANKEN-SI-3025KS Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Podobny opis - SI-3025KS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SI-3000LU SANKEN-SI-3000LU Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033LUS ETC-SI-3033LUS Datasheet
47Kb / 4P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000KS ETC-SI-3000KS Datasheet
85Kb / 7P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
SI-3000LSA ETC1-SI-3000LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com