Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL1454 Arkusz danych(PDF) 6 Page - Zarlink Semiconductor Inc

Numer części SL1454
Szczegółowy opis  WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL1454 Arkusz danych(HTML) 6 Page - Zarlink Semiconductor Inc

  SL1454 Datasheet HTML 1Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 2Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 3Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 4Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 5Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 6Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 7Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 8Page - Zarlink Semiconductor Inc SL1454 Datasheet HTML 9Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4
SL1454
Q
6
4
2
Bandwidth
10MHz
11MHz
12MHz
Table 1
Q
6
4
3
Coupling capacitor
3·9pF
5·6pF
10pF
Table 2
2·5
2·0
1·5
0
120
130
140
150
160
FREQUENCY (MHz)
Q = 4
Q = 2
Q = 6
2·5
2·0
1·5
0
120
130
140
150
160
FREQUENCY (MHz)
Q = 4
Q = 2
Q = 6
Fig. 5 Output voltage v. input frequency
(a) Single tuned quadrature network
(b) Double tuned quadrature network
120
SL1454
4
3
2
1
5
6
7
8
40n
33p
1n
1
5V
0·1
µ
1n
VIDEO
OUTPUT
140MHz
INPUT
0V
Q = 3
10p
10p
33p
40n
120
Fig. 6 Example of double tuned quadrature circuit


Podobny numer części - SL1454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1451NADP ZARLINK-SL1451NADP Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NADP ZARLINK-SL1452NADP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1452NAMP ZARLINK-SL1452NAMP Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
More results

Podobny opis - SL1454

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
SL1452 ZARLINK-SL1452 Datasheet
147Kb / 8P
   WIDEBAND LINEAR FM DETECTOR FOR SATELLITE TV
SL1451 ZARLINK-SL1451 Datasheet
70Kb / 5P
   WIDEBAND PLL FM DETECTOR FOR SATELLITE TV
logo
NXP Semiconductors
TDA8012M PHILIPS-TDA8012M Datasheet
94Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1996 Mar 26
TDA8012AM PHILIPS-TDA8012AM Datasheet
99Kb / 16P
   Low power PLL FM demodulator for satellite TV receivers
1997 May 26
logo
NTE Electronics
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Panasonic Semiconductor
AN5215 PANASONIC-AN5215 Datasheet
155Kb / 2P
   TV Sound-IF Amplifier, FM Detector IC
AN5220 PANASONIC-AN5220 Datasheet
114Kb / 3P
   TV SOUND IF AMPLIFIER FM DETECTOR CIRCUITS
logo
M/A-COM Technology Solu...
MAAL-009053 MA-COM-MAAL-009053 Datasheet
939Kb / 9P
   Satellite TV Amplifier
logo
NTE Electronics
NTE1162 NTE-NTE1162 Datasheet
22Kb / 2P
   Integrated Circuit TV Sound IF Amp & FM Detector
logo
M/A-COM Technology Solu...
MAAL-011119 MA-COM-MAAL-011119 Datasheet
953Kb / 8P
   Satellite TV Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com