Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145106P Arkusz danych(PDF) 3 Page - LANSDALE Semiconductor Inc.

Numer części MC145106P
Szczegółowy opis  PLL Frequency Synthesizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P Arkusz danych(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
LANSDALE Semiconductor, Inc.
ML145106
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Stated, Voltages Referenced to VSS)
VDD
All Types
Characteristic
Symbol
VDD
Vdc
Min
Typ*
Max
Unit
Power Supply Voltage Range
VDD
4.5
12
V
Supply Current
IDD
5.0
10
12
6
20
28
10
35
50
mA
Input Voltage
“0” Level
VIL
5.0
10
12
1.5
3.0
3.6
V
“1” Level
VIH
5.0
10
12
3.5
7.0
8.4
Input Current
“0” Level
FS, Pull–Up Resistor Source Current)
Iin
5.0
10
12
– 5.0
– 15
– 20
– 20
– 60
– 80
– 50
– 150
– 200
µA
(P0 – P8)
5.0
10
12
– 0.3
– 0.3
– 0.3
(FS)
“1” Level
5.0
10
12
0.3
0.3
0.3
(P0 – P8, Pull–Down Resistor Sink Current)
5.0
10
12
7.5
22.5
30
30
90
120
75
225
300
(OSCin, fin)
“0” Level
5.0
10
12
– 2.0
– 6.0
– 9.0
– 6.0
– 25
– 37
– 15
– 62
– 92
(OSCin, fin)
“1” Level
5.0
10
12
2.0
6.0
9.0
6.0
25
37
15
62
92
Output Drive Current
(VO = 4.5 V)
Source
(VO = 9.5 V)
(VO = 11.5 V)
IOH
5.0
10
12
– 0.7
– 1.1
– 1.5
– 1.4
– 2.2
– 3.0
mA
(VO = 0.5 V)
Sink
(VO = 0.5 V)
(VO = 0.5 V)
IOL
5.0
10
12
0.9
1.4
2.0
1.8
2.8
4.0
Input Amplitude
(fin @ 4.0 MHz)
(OSCin @ 10.24 MHz)
1.0
1.5
0.2
0.3
V p–p
Sine
Input Resistance
(OSCin, fin)
Rin
5.0
10
12
1.0
0.5
MΩ
Input Capacitance
(OSCin, fin)
Cin
6.0
pF
Three–State Leakage Current
(φDetout)
IOZ
5.0
10
12
1.0
1.0
1.0
µA
Input Frequency
(– 40 to + 85°C)
fin
4.5
12
0
0
4.0
4.0
MHz
Oscillator Frequency
(– 40 to + 85°C)
OSCin
4.5
12
0.1
0.1
10.24
10.24
MHz
*Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC's potential performance.
Issue b


Podobny numer części - MC145106P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
More results

Podobny opis - MC145106P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Analog Devices
ADF4106 AD-ADF4106 Datasheet
228Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com