Zakładka z wyszukiwarką danych komponentów |
|
ST730C12L0L Arkusz danych(PDF) 2 Page - International Rectifier |
|
ST730C12L0L Arkusz danych(HTML) 2 Page - International Rectifier |
2 / 8 page ST730C..L Series 2 www.irf.com Bulletin I25191 rev. D 04/03 di/dt Max. non-repetitive rate of rise Gate drive 20V, 20 Ω, t r ≤ 1µs of turned-on current TJ = TJ max, anode voltage ≤ 80% VDRM Gate current 1A, di g /dt = 1A/µs V d = 0.67% VDRM, T J = 25°C I TM = 750A, T J = T J max, di/dt = 60A/µs, V R = 50V dv/dt = 20V/µs, Gate 0V 100 Ω, t p = 500µs Parameter ST730C..L Units Conditions Switching 1000 A/µs t d Typical delay time 1.0 t q Typical turn-off time 150 µs Voltage V DRM /V RRM , max. repetitive V RSM , maximum non- I DRM /I RRM max. Type number Code peak and off-state voltage repetitive peak voltage @ T J = T J max VV mA 08 800 900 12 1200 1300 ST730C..L 14 1400 1500 80 16 1600 1700 18 1800 1900 20 2000 2100 ELECTRICAL SPECIFICATIONS Voltage Ratings I T(AV) Max. average on-state current 990 (375) A 180° conduction, half sine wave @ Heatsink temperature 55 (85) °C double side (single side) cooled I T(RMS) Max. RMS on-state current 2000 DC @ 25°C heatsink temperature double side cooled I TSM Max. peak, one-cycle 17800 t = 10ms No voltage non-repetitive surge current 18700 A t = 8.3ms reapplied 15000 t = 10ms 100% V RRM 15700 t = 8.3ms reapplied Sinusoidal half wave, I 2t Maximum I 2t for fusing 1591 t = 10ms No voltage Initial T J = T J max. 1452 t = 8.3ms reapplied 1125 t = 10ms 100% V RRM 1027 t = 8.3ms reapplied I 2 √t Maximum I 2 √t for fusing 15910 KA 2 √s t = 0.1 to 10ms, no voltage reapplied V T(TO)1 Low level value of threshold voltage V T(TO) 2 High level value of threshold voltage r t1 Low level value of on-state slope resistance r t2 High level value of on-state slope resistance V TM Max. on-state voltage 1.62 V I pk = 2000A, T J = T J max, t p = 10ms sine pulse I H Maximum holding current 600 I L Typical latching current 1000 0.98 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 0.32 (16.7% x π x I T(AV) < I < π x I T(AV) ), T J = T J max. 0.27 (I > π x I T(AV) ),T J = T J max. Parameter ST730C..L Units Conditions 1.12 (I > π x I T(AV) ),T J = T J max. On-state Conduction KA 2s V m Ω mA T J = 25°C, anode supply 12V resistive load |
Podobny numer części - ST730C12L0L |
|
Podobny opis - ST730C12L0L |