Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML3356 Arkusz danych(PDF) 4 Page - LANSDALE Semiconductor Inc.

Numer części ML3356
Szczegółowy opis  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356 Arkusz danych(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML3356 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356 Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.lansdale.com
Page 4 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
Figure 5. Application with Fixed Bias on Data Shaper
1
ML3356
RF In
1:2
0.01
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
23
15 pF
5.6 pF
Data Out
5.0 V
18 k
10 k
390 k
10 k
Car. Det. Out
0 V or 4.0 V
3.3 k
130 k
3.0 k
0.1
3.3 k
470
pF
15 k
18 k
150 pF
5.0 V
+ 5.0 to + 12 V
0.01
fO
Bead
4.0 V
180
0.01
82
0.1
Cer. Fil.
10.7 MHz
330
0.01
0.01
0.01
Bead
0.1
RF Input
Ground
Data
Output
Comp(+) Comp(–) Squelch
Status
Squelch
Control
Demod
Out
Demod
Filter
Quad
Input
RF
Gnd
OSC
EM.
OSC
COL.
RF
VCC
Mixer
Out
VCC
Limiter
Input
Limiter
Bias
Limiter
Bias
Quad
Bias
330
APPLICATION NOTES (continued)
Shielding, which includes the placement of input and output
components, is important in minimizing electrostatic or elec-
tromagnetic coupling. The ML3356 has its pin connections
such that the circuit designer can place the critical input and
output circuits on opposite ends of the chip. Shielding is nor-
mally required for inductors in tuned circuits.
The ML3356 has a separate VCC and ground for the RF and
IF sections which allows good external circuit isolation by
minimizing common ground paths.
Note that the circuits of Figures 1 and 2 have RF, Oscillator,
and IF circuits predominantly referenced to the plus supply
rails. Figure 5, on the other hand, shows a suitable means of
ground referencing. The two methods produce identical results
when carefully executed. It is important to treat Pin 19 as a
ground node for either approach. The RF input should be
‘‘grounded’’ to Pin 1 and then the input and the mixer/oscilla-
tor grounds (or RF VCC bypasses) should be connected by a
low inductance path to Pin 19. IF and detector sections should
also have their bypasses returned by a separate path to Pin 19.
VCC and RF VCC can be decoupled to minimize feedback,
although the configuration of Figure 2 shows a successful
implementation on a common 5.0 V supply. Once again, the
message is: define a supply node and a ground node and return
each section to those nodes by separate, low impedance paths.
The test circuit of Figure 2 has a 3 dB limiting level of 30
µV which can be lowered 6 db by a 1:2 untuned transformer at
the input as shown in Figures 5 and 6. For applications that
require additional sensitivity, an RF amplifier can be added,
but with no greater than 20 db gain. This will give a 2.0 to 2.5
µV sensitivity and any additional gain will reduce receiver
dynamic range without improving its sensitivity. Although the
test circuit operates at 5.0 V, the mixer/oscillator optimum per-
formance is at 8.0 V to 12 V. A minimum of 8.0 V is recom-
mended in high frequency applications (above 150 MHz), or in
PLL applications where the oscillator drives a prescaler.
Legacy Applications Information


Podobny numer części - ML3356

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356-6P LANSDALE-ML3356-6P Datasheet
973Kb / 9P
   Wideband FSK Receiver
ML3356RP LANSDALE-ML3356RP Datasheet
973Kb / 9P
   Wideband FSK Receiver
More results

Podobny opis - ML3356

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com