Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQD5N60C Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FQD5N60C
Szczegółowy opis  600V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD5N60C Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FQD5N60C Datasheet HTML 1Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 2Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 3Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 4Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 5Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 6Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 7Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 8Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. A, October 2003
©2003 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 18.9mH, IAS = 4.5 A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 4.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
600
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.6
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 600 V, VGS = 0 V
--
--
1
µA
VDS = 480 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 1.4 A
--
2.0
2.5
gFS
Forward Transconductance
VDS = 40 V, ID = 1.4 A
(Note 4)
--
4.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
515
670
pF
Coss
Output Capacitance
--
55
72
pF
Crss
Reverse Transfer Capacitance
--
6.5
8.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300 V, ID = 4.5A,
RG = 25 Ω
(Note 4, 5)
--
10
30
ns
tr
Turn-On Rise Time
--
42
90
ns
td(off)
Turn-Off Delay Time
--
38
85
ns
tf
Turn-Off Fall Time
--
46
100
ns
Qg
Total Gate Charge
VDS = 480 V, ID = 4.5A,
VGS = 10 V
(Note 4, 5)
--
15
19
nC
Qgs
Gate-Source Charge
--
2.5
--
nC
Qgd
Gate-Drain Charge
--
6.6
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
2.8
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
11.2
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 2.8 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/µs
(Note 4)
--
300
--
ns
Qrr
Reverse Recovery Charge
--
2.2
--
µC


Podobny numer części - FQD5N60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTF FAIRCHILD-FQD5N60CTF Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTM FAIRCHILD-FQD5N60CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results

Podobny opis - FQD5N60C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com