Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD-HEC3-FCC-3-BL Arkusz danych(PDF) 1 Page - PowerDynamics, Inc

Numer części PD-HEC3-FCC-3-BL
Szczegółowy opis  IP67 DUSTPROOF / WATERPROOF
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWERDYNAMICS [PowerDynamics, Inc]
Strona internetowa  http://www.powerdynamics.com/
Logo POWERDYNAMICS - PowerDynamics, Inc

PD-HEC3-FCC-3-BL Arkusz danych(HTML) 1 Page - PowerDynamics, Inc

  PD-HEC3-FCC-3-BL Datasheet HTML 1Page - PowerDynamics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
6
B
5
4
C
D
6
5
4
DIMENSIONS ARE IN MILLIMETERS
ALL DIMENSIONS FOR REFERENCE ONLY
Phone: 973 560-0019
Whippany, New Jersey
Fax: 973 560-0076
3
DRAWN
CHECK
APPR
BY
BY
BY
DATE:
DATE:
DATE:
2
NTS
SCALE:
SIZE:
PART #:
A
PART:
A
1
REV:
B
3
2
C
D
1
TOLERANCE
UNLESS OTHERWISE SPECIFIED
1 of 1
SHEET
IP67 DUSTPROOF / WATERPROOF
FEMALE SNAP LOCK CABLE CONNECTOR
PD-HE3-FCC-X-X
PB
7/31/15
RoHS
COMPLIANT
MATERIAL SPECIFICATIONS:
Body & Housing: PA, UL-94V-0 rated, color black
Contacts: Brass, Gold plated
MECHANICAL SPECIFICATIONS:
Cable Diameter: 3mm~ 5mm
Durability: 500 mating cycles min.
ELECTRICAL SPECIFICATIONS:
Rated current / voltage:
3 contact = 3A / 125V per contact
4 contact = 2.5A / 125V per contact
5 contact = 2A / 63V per contact
8 contact = 1A / 63V per contact
Contact resistance: 3 mohms max.
Rated impulse voltage:
3A & 2.5A = 1500V
2A & 1A = 800V
IEC/UL 61010-1 SPECIFICATIONS:
Material group: I, II
Overload category: II
Pollution degree: 2
ENVIRONMENTAL SPECIFICATIONS:
Degree of Protection: IP67
ORDERING CODE:
PD-HEC3-FCC__-__
X1 X2
X1) No. of Contacts:
3, 4, 5 or 8
X2) Housing Color:
Black = B
Blue = BL
Red = R
Green = G
2
3
1
4
1
3
2
5
1
4
2
3
7
1
4
5
3
8
2
6
CONTACT ARRANGEMENT


Podobny numer części - PD-HEC3-FCC-3-BL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PowerDynamics, Inc
PD-HEC3-FMA POWERDYNAMICS-PD-HEC3-FMA Datasheet
309Kb / 1P
   PANEL MOUNT ADAPTER FOR HEC3 SERIES PANEL CONNECTORS
More results

Podobny opis - PD-HEC3-FCC-3-BL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PowerDynamics, Inc
PD-HE3-FPC-S-3-B POWERDYNAMICS-PD-HE3-FPC-S-3-B Datasheet
200Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HE3-MPC-S-3-B POWERDYNAMICS-PD-HE3-MPC-S-3-B Datasheet
195Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
PD-HEC3-MCC-3-B POWERDYNAMICS-PD-HEC3-MCC-3-B Datasheet
151Kb / 1P
   IP67 DUSTPROOF / WATERPROOF
logo
Taoglas antenna solutio...
MA741.B.BI.001 TAOGLAS-MA741.B.BI.001 Datasheet
2Mb / 20P
   IP67 Waterproof
MA750.W.A.ABICG.003 TAOGLAS-MA750.W.A.ABICG.003 Datasheet
2Mb / 36P
   IP67 Waterproof
MA710.A.ABI.001 TAOGLAS-MA710.A.ABI.001 Datasheet
4Mb / 21P
   IP67 Waterproof
logo
A-Data Technology
HD720 A-DATA-HD720 Datasheet
426Kb / 2P
   Dustproof
logo
Taoglas antenna solutio...
TLS.30.1F11 TAOGLAS-TLS.30.1F11 Datasheet
6Mb / 12P
   IP67 and IP69K Waterproof
TLS.30.1F21 TAOGLAS-TLS.30.1F21 Datasheet
8Mb / 12P
   IP67 and IP69K Waterproof
TLS.30.105111 TAOGLAS-TLS.30.105111 Datasheet
4Mb / 12P
   IP67 and IP69K Waterproof
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com