Zakładka z wyszukiwarką danych komponentów |
|
TC1.5-52T+ Arkusz danych(PDF) 1 Page - Mini-Circuits |
|
TC1.5-52T+ Arkusz danych(HTML) 1 Page - Mini-Circuits |
|
1 / 1 page Notes A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document. B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp Mini-Circuits® www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com Page 1 of 1 FREQUENCY (MHz) INSERTION LOSS (dB) INPUT R. LOSS (dB) 50 Ω 0.5 to 550 MHz RF Transformer Surface Mount Maximum Ratings Pin Connections Features PRIMARY DOT 6 PRIMARY 4 SECONDARY DOT 1 SECONDARY CT 2 SECONDARY 3 NOT USED 5 Applications Operating Temperature -40°C to 85°C Storage Temperature -55°C to 100°C RF Power 0.25W DC Current 30mA REV. C M151107 ED-12687/1 TC1.5-52T+ IG/TD/CP/AM 151019 * Insertion Loss is referenced to mid-band loss, 0.4 dB typ. • low insertion loss, 0.4 dB typ.in 1 dB Bandwidth • excellent return loss, 25 dB typ. in 1 dB Bandwith • plastic base with leads • aqueous washable • impedance matching, 50 to 75 ohms • balanced amplifier TC1.5-52T+ CASE STYLE: AT224-1A 0.50 0.82 15.72 1.00 0.61 19.84 5.00 0.33 28.81 10.00 0.29 32.35 50.00 0.35 28.60 100.00 0.41 23.52 200.00 0.53 18.07 250.00 0.61 16.13 300.00 0.70 14.71 400.00 0.90 12.52 550.00 1.28 10.19 Demo Board MCL P/N: TB-145 Suggested PCB Layout (PL-244) Ω RATIO (Secondary/Primary) FREQUENCY (MHz) INSERTION LOSS* 3 dB MHz 2 dB MHz 1 dB MHz 1.5 0.5-550 0.5-550 1-350 2-200 Config. A Typical Performance Data Transformer Electrical Specifications INSERTION LOSS 0.0 0.4 0.8 1.2 1.6 2.0 1 10 100 1000 FREQUENCY (MHz) INPUT RETURN LOSS 0 10 20 30 40 50 1 10 100 1000 FREQUENCY (MHz) Permanent damage may occur if any of these limits are exceeded. +RoHS Compliant The +Suffix identifies RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications *Addition of Top hat™ feature Benefits • Allows faster pick-and-place • Enables visual identification marking TC1- 1.5-5 2TX+ Upgr ade d Ver sion* Available Tape and Reel at no extra cost Reel Size Devices/Reel 7” 20, 50, 100, 200, 500 13” 1000, 2000 Outline Dimensions ( ) inch mm Outline Drawing AT224-1A A BC D E F .150 .150 .160 .050 .040 .025 3.81 3.81 4.06 1.27 1.02 0.64 GH J K wt .028 .065 .190 .030 grams 0.71 1.65 4.83 0.76 0.15 Suggested Layout, Tolerance to be within ±.002 PCB Land Pattern Lead #1 identifier shall be located in the cross-hatched area shown. Identifier may be either a molded or marked feature. |
Podobny numer części - TC1.5-52T+ |
|
Podobny opis - TC1.5-52T+ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |