Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MVTX2604AG Arkusz danych(PDF) 1 Page - Zarlink Semiconductor Inc

Numer części MVTX2604AG
Szczegółowy opis  Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX2604AG Arkusz danych(HTML) 1 Page - Zarlink Semiconductor Inc

  MVTX2604AG Datasheet HTML 1Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 2Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 3Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 4Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 5Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX2604AG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 173 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2003-2004, Zarlink Semiconductor Inc. All Rights Reserved.
Features
Integrated Single-Chip 10/100/1000 Mbps
Ethernet Switch
24 10/100 Mbps Autosensing, Fast Ethernet
Ports with RMII or Serial Interface (7WS). Each
port can independently use one of the two
interfaces
2 Gigabit Ports with GMII, PCS, 10/100 and
stacking (2 G per port) interface options per port
Stacking port supports hot swap in managed
configuration
Supports 8/16-bit CPU interface in managed
mode
Serial interface in unmanaged mode
Supports two Frame Buffer Memory domains with
SRAM at 100 MHz
Supports memory size 2 MB, or 4 MB
• For 24 + 2, two SRAM domains (2 MB or 4 MB) are
required.
• For 24 + 2 stacking (2 G per stacking port), two ZBT
domains (2 MB or 4 MB) are required
Applies centralized shared memory architecture
Up to 64 K MAC addresses
Maximum throughput is 6.4 Gbps non-blocking
High performance packet forwarding (19.047 M
packets per second) at full wire speed
Provides port based and ID tagged VLAN
support (IEEE 802.1Q), up to 255 VLANs
Supports IP Multicast with IGMP snooping
Supports spanning tree with CPU, on per port or
per VLAN basis
Packet Filtering and Port Security
• Static address filtering for source and/or destination
MAC
• Static MAC address not subject to aging
Secure mode freezes MAC address learning
Each port may independently use this mode
Full Duplex Ethernet IEEE 802.3x Flow Control
Backpressure flow control for Half Duplex ports
Supports Ethernet multicasting and broadcasting
and flooding control
Supports per-system option to enable flow
control for best effort frames even on QoS-
enabled ports
February 2004
Ordering Information
MVTX2604AG
553 Pin HSBGA
-40°C to 85°C
Figure 1 - MVTX2604 System Block Diagram
FDB Interface
Frame Data Buffer A
SRAM (1 M / 2 M)
LED
Search
Engine
MCT
Link
Frame Engine
FCB
16-bit
Serial
Management
Module
24 x 10 / 100
RMII
Ports 0 - 23
Frame Data Buffer B
SRAM (1 M / 2 M)
Parallel /
GMII/
PCS
Port
24
GMII/
PCS
Port
25
MVTX2604
Managed 24-Port 10/100 Mb + 2 Port 1 Gb
Ethernet Switch
Data Sheet


Podobny numer części - MVTX2604AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2601AG ZARLINK-MVTX2601AG Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
More results

Podobny opis - MVTX2604AG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
ZL50418 ZARLINK-ZL50418 Datasheet
2Mb / 163P
   Managed 16-Port 10/100 M 2-Port 1 G Ethernet Switch
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
   Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
ORing Industrial Networ...
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
   10-port managed Ethernet switch
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
   24-port managed PoE Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
   Industrial 24-port managed Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com