Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC104S051 Arkusz danych(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części ADC104S051
Szczegółowy opis  4 Channel, 1 MSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S051 Arkusz danych(HTML) 8 Page - National Semiconductor (TI)

Back Button ADC104S051 Datasheet HTML 4Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 5Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 6Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 9Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 10Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 11Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 500 kSPS to 1 MSPS,
f
SCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated.
DNL-V
A = 3.0V
INL - V
A = 3.0V
20125020
20125021
DNL-V
A = 5.0V
INL - V
A = 5.0V
20125062
20125063
DNL vs. Supply
INL vs. Supply
20125022
20125023
www.national.com
8


Podobny numer części - ADC104S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC104S051 NSC-ADC104S051 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results

Podobny opis - ADC104S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com