Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC104S051 Arkusz danych(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części ADC104S051
Szczegółowy opis  4 Channel, 1 MSPS, 10-Bit A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC104S051 Arkusz danych(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC104S051 Datasheet HTML 7Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 8Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 9Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 10Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 11Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 12Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 13Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 14Page - National Semiconductor (TI) ADC104S051 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Typical Performance Characteristics T
A = +25˚C, fSAMPLE = 500 kSPS to 1 MSPS,
fSCLK = 8 MHz to 16 MHz, fIN = 40.3 kHz unless otherwise stated. (Continued)
SNR vs. Input Frequency
THD vs. Input Frequency
20125033
20125038
SNR vs. Temperature
THD vs. Temperature
20125034
20125039
SFDR vs. Supply
SINAD vs. Supply
20125040
20125045
www.national.com
11


Podobny numer części - ADC104S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC104S051 NSC-ADC104S051 Datasheet
909Kb / 19P
   4 Channel, 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC084S021 4-Channel, 50 ksps to 200 Ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 28P
[Old version datasheet]   ADC084S051 4 Channel, 200 ksps to 500 ksps, 8-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S051 TI-ADC104S051 Datasheet
1Mb / 27P
[Old version datasheet]   ADC124S101 4 Channel, 500 ksps to 1 Msps, 12-Bit A/D Converter
More results

Podobny opis - ADC104S051

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC104S101CIMM TI-ADC104S101CIMM Datasheet
1Mb / 27P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC104S101 TI1-ADC104S101_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC104S101 4 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
ADC101S101 TI1-ADC101S101 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 10-Bit A/D Converter
logo
Cadeka Microcircuits LL...
SPT7862 CADEKA-SPT7862 Datasheet
188Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
List of Unclassifed Man...
SPT7862 ETC-SPT7862 Datasheet
105Kb / 10P
   10-BIT, 40 MSPS, DUAL-CHANNEL A/D CONVERTER
logo
National Semiconductor ...
ADC108S102 NSC-ADC108S102 Datasheet
877Kb / 17P
   8-Channel, 500 kSPS to 1 MSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC102S101 TI1-ADC102S101_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 500 ksps to 1 Msps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC082S101 NSC-ADC082S101 Datasheet
925Kb / 19P
   2 Channel, 1 MSPS, 8-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC122S101 TAOS-ADC122S101 Datasheet
947Kb / 19P
   2 Channel, 1 MSPS 12-Bit A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com