Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1-1T+ Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części TC1-1T+
Szczegółowy opis  RF Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TC1-1T+ Arkusz danych(HTML) 1 Page - Mini-Circuits

  TC1-1T+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 1
50
0.4 to 500 MHz
RF Transformer
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
Features
• VHF/UHF receivers/transmitters
• push-pull amplifiers
PRIMARY DOT
6
PRIMARY
4
SECONDARY DOT
1
SECONDARY
3
SECONDARY CT
2
• usable over 0.4-500 MHz
• excellent amplitude unbalance, 0.1 dB typ.
and phase unbalance, 2 deg typ. in 1 dB bandwidth
• good return loss
• plastic base with leads
• aqueous washable
Applications
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
0.25W
DC Current
30mA
Electrical Specifications
REV. D
M151107
TC1-1T+
ED-9236/2
IG/TD/CP/AM
151019
Typical Performance Data
Config. A
* Insertion Loss is referenced to mid-band loss, 0.35 dB typ.
0.30
0.88
15.46
0.06
0.03
1.00
0.57
21.01
0.04
0.05
5.00
0.33
27.35
0.02
0.01
10.00
0.32
28.55
0.02
0.15
50.00
0.40
23.46
0.02
0.63
100.00
0.51
18.34
0.06
1.24
200.00
0.78
13.01
0.21
2.57
300.00
1.10
10.06
0.47
3.99
400.00
1.46
8.16
0.82
5.66
500.00
1.84
6.90
1.26
7.50
TC1-1T+
Outline Drawing AT224-1A
RATIO
FREQUENCY
(MHz)
INSERTION LOSS*
PHASE
UNBALANCE
(Deg.)
Typ.
AMPLITUDE
UNBALANCE
(dB)
Typ.
3 dB
MHz
2 dB
MHz
1 dB
MHz
1 dB
bandwidth
2 dB
bandwidth
1 dB
bandwidth
2 dB
bandwidth
1
0.4-500
0.4-500
0.5-300
1-100
2
5
0.1
0.6
FREQUENCY
(MHz)
INSERTION
LOSS
(dB)
INPUT
R. LOSS
(dB)
AMPLITUDE
UNBALANCE
(dB)
PHASE
UNBALANCE
(Deg.)
Suggested Layout,
Tolerance to be within
±.002
PCB Land Pattern
Lead #1 identifier shall be located in the cross-hatched area shown.
Identifier may be either a molded or marked feature.
A
BC
D
E
F
.150
.150
.160
.050
.040
.025
3.81
3.81
4.06
1.27
1.02
0.64
GH
J
K
wt
.028
.065
.190
.030
grams
0.71
1.65
4.83
0.76
0.15
Permanent damage may occur if any of these limits are exceeded.
CASE STYLE: AT224-1A
INPUT RETURN LOSS
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
100
200
300
400
500
FREQUENCY (MHz)
INSERTION LOSS
0.2
0.6
1.0
1.4
1.8
2.2
0
100
200
300
400
500
FREQUENCY (MHz)
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
*Addition of Top hat™ feature
Benefits
• Allows faster pick-and-place
• Enables visual identification marking
TC1-1
TX+
Upgr
ade
d Ver
sion*
Available Tape and
Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500
13”
1000, 2000


Podobny numer części - TC1-1T+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
TC1-1T-152X MINI-TC1-1T-152X Datasheet
320Kb / 3P
   RF Transformer
TC1-1T-152X++ MINI-TC1-1T-152X+ Datasheet
320Kb / 3P
   RF Transformer
TC1-1T-152X-4++ MINI-TC1-1T-152X-4+ Datasheet
513Kb / 4P
   RF Transformer
REV. OR
TC1-1T-75X MINI-TC1-1T-75X Datasheet
345Kb / 3P
   RF Transformer
TC1-1T-75X++ MINI-TC1-1T-75X+ Datasheet
345Kb / 3P
   RF Transformer
More results

Podobny opis - TC1-1T+

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
   RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
   RF Transformer
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
   RF Transformer
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
   RF TRANSFORMER
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
   RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
   RF TRANSFORMER
logo
Mini-Circuits
ADT4-1WT MINI-ADT4-1WT_15 Datasheet
201Kb / 1P
   RF Transformer
ADT4-5WT MINI-ADT4-5WT Datasheet
186Kb / 1P
   RF Transformer
ADT9-1T MINI-ADT9-1T Datasheet
204Kb / 1P
   RF Transformer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com