Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC14155QML-SP Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC14155QML-SP
Szczegółowy opis  14-Bit, 155-MSPS, 1.1-GHz Bandwidth A/D Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC14155QML-SP Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button ADC14155QML-SP Datasheet HTML 2Page - Texas Instruments ADC14155QML-SP Datasheet HTML 3Page - Texas Instruments ADC14155QML-SP Datasheet HTML 4Page - Texas Instruments ADC14155QML-SP Datasheet HTML 5Page - Texas Instruments ADC14155QML-SP Datasheet HTML 6Page - Texas Instruments ADC14155QML-SP Datasheet HTML 7Page - Texas Instruments ADC14155QML-SP Datasheet HTML 8Page - Texas Instruments ADC14155QML-SP Datasheet HTML 9Page - Texas Instruments ADC14155QML-SP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
ADC14155QML-SP
SNAS378J – NOVEMBER 2008 – REVISED MARCH 2018
www.ti.com
Product Folder Links: ADC14155QML-SP
Submit Documentation Feedback
Copyright © 2008–2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are measured with respect to GND = AGND = DGND = DRGND = 0 V, unless otherwise specified.
(3)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND, or VIN > VA), the current at that pin should be
limited to ±5 mA. The ±50-mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of ±5 mA to 10.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Supply voltage (VA, VD)
−0.3
4.2
V
Supply voltage (VDR)
−0.3
2.35
V
|VA–VD|
100
mV
Voltage on any input pin (not to exceed 4.2 V)
−0.3
VA + 0.3
V
Voltage on any output pin (not to exceed 2.35
V)
−0.3
VDR + 0.2
V
Input current at any pin other than supply
pins(3)
–5
5
mA
Package input current(3)
–50
50
mA
Max junction temperature, TJ
150
°C
Storage temperature, Tstg
−65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
(1)
All voltages are measured with respect to GND = AGND = DGND = DRGND = 0 V, unless otherwise specified.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
Operating temperature
–55
125
°C
Supply voltage (VA, VD)
3
3.6
V
Output driver supply (VDR)
1.6
2
V
CLK
–0.05
VA + 0.05
V
Clock duty cycle
30%
70%
Analog input pins
0
2.6
V
VCM
1.4
1.6
V
|AGND-DGND|
100
mV
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
ADC14155QML
UNIT
NBA (CFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
21.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.68
°C/W
ψJT
Junction-to-top characterization parameter
1.86
°C/W


Podobny numer części - ADC14155QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
[Old version datasheet]   ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
More results

Podobny opis - ADC14155QML-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC14155QML NSC-ADC14155QML Datasheet
1Mb / 26P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 NSC-ADC14155 Datasheet
722Kb / 19P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
Texas Instruments
ADC14155QML-SP TI-ADC14155QML-SP Datasheet
651Kb / 30P
[Old version datasheet]   ADC14155QML 14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter
ADC14155 TI1-ADC14155 Datasheet
1Mb / 28P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC14V155 NSC-ADC14V155_08 Datasheet
430Kb / 22P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC14V155 NSC-ADC14V155_09 Datasheet
487Kb / 24P
   14-Bit, 155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
logo
Texas Instruments
ADC14V155 TI1-ADC14V155_14 Datasheet
1Mb / 29P
[Old version datasheet]   155 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
ADC12C170 TI1-ADC12C170 Datasheet
1Mb / 29P
[Old version datasheet]   1.1 GHz Bandwidth A/D Converter
logo
National Semiconductor ...
ADC12C170_0708 NSC-ADC12C170_0708 Datasheet
426Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with CMOS Outputs
ADC12V170 NSC-ADC12V170 Datasheet
562Kb / 22P
   12-Bit, 170 MSPS, 1.1 GHz Bandwidth A/D Converter with LVDS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com