Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA20121603DH Arkusz danych(PDF) 3 Page - Powerex Power Semiconductors

Numer części TA20121603DH
Szczegółowy opis  Phase Control SCR 1600 Amperes Average 2400 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  POWEREX [Powerex Power Semiconductors]
Strona internetowa  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TA20121603DH Arkusz danych(HTML) 3 Page - Powerex Power Semiconductors

  TA20121603DH Datasheet HTML 1Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 2Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 3Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1600 Amperes Average
2400 Volts
Revision Date: 07/30/2013
TA20
1600A
Thermal Characteristics
Maximum Thermal Resistance, Double Sided Cooling
Max.
Units
Junction-to-Case
Case-to-Sink
RΘ(J-C)
RΘ(C-S)
0.015
0.007
°C/W
°C/W
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
TJ=125°C, VR = VRRM
100
mA
Repetitive Peak Forward Leakage Current
IDRM
TJ=125°C, VD = VDRM
100
mA
Peak On-State Voltage
VTM
IFM=3000A peak,
Duty Cycle < 0.1 %
1.75
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 125°C, I = 15%IT(AV) to IT(AV)
0.89109
0.2148
V
Threshold Voltage, High-level
Slope Resistance, High-level
V(TO)2
rT2
TJ = 125°C, I = IT(AV) to ITSM
1.7405
0.1024
V
VTM Coefficients, Low-level
TJ = 125°C, I = 15%IT(AV) to IT(AV)
VTM = A+ B Ln(I) +C(I) + D Sqrt(I)
A =
B =
C =
D =
1.1219
-0.10195
4.764E-05
0.02077
VTM Coefficients, High-level
TJ = 125°C, I = IT(AV) to ITSM
VTM = A+ B Ln(I) +C(I) + D Sqrt(I)
A =
B =
C =
D =
-3.7832
0.56271
3.607E-05
0.010389
Typical Turn-On Time
ton
IT = 1000A, VD = 1500 V
4
µ
s
Typical Turn-Off Time
tq
Tj = 125°C, IT = 250A,
diR/dt = 50A/µs Reapplied
dv/dt = 20 V/µs Linear to 80% VDRM
250
µ
s
Minimum Critical dv/dt – Exponential to VDRM
dv/dt
TJ = 125°C
300
V/µ
s
Gate Trigger Current
IGT
TJ = 25°C, VD = 12 V
200
mA
Gate Trigger Voltage
VGT
TJ = 25°C, VD = 12 V
4.5
V
Non-Triggering Gate Voltage
VGDM
TJ = 125°C, VD = VDRM
0.15
V
Peak Forward Gate Current
IGTM
4
A
Peak Reverse Gate Voltage
VGRM
5
V
POWEREX, Inc. 173 Pavilion Ln Youngwood, PA USA 724-925-7272 www.pwrx.com
4.5


Podobny numer części - TA20121603DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
TA201216 POWEREX-TA201216 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
More results

Podobny opis - TA20121603DH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Powerex Power Semicondu...
T9G01200A POWEREX-T9G01200A Datasheet
487Kb / 4P
   Phase Control SCR (1200 Amperes Average 2400 Volts)
C390 POWEREX-C390 Datasheet
919Kb / 6P
   Phase Control SCR 450 Amperes Average 2400 Volts
logo
Power Analog Micoelectr...
T820750A PAM-T820750A_09 Datasheet
168Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
logo
Powerex Power Semicondu...
C451 POWEREX-C451 Datasheet
498Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C391 POWEREX-C391 Datasheet
817Kb / 4P
   Phase Control SCR 490 Amperes Average 2400 Volts
C441PD POWEREX-C441PD Datasheet
648Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
T820750A POWEREX-T820750A Datasheet
637Kb / 4P
   Phase Control SCR (750 Amperes Average 2400 Volts)
T9G01000A POWEREX-T9G01000A Datasheet
491Kb / 4P
   Phase Control SCR (1000 Amperes Average 2400 Volts)
C180B POWEREX-C180B Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com