Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC145554DW Arkusz danych(PDF) 6 Page - LANSDALE Semiconductor Inc.

Numer części MC145554DW
Szczegółowy opis  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LANSDALE [LANSDALE Semiconductor Inc.]
Strona internetowa  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145554DW Arkusz danych(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button MC145554DW Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145554DW Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ML145554, ML145557, ML145564, ML145567
LANSDALE Semiconductor, Inc.
MAXIMUM RATINGS (Voltage Referenced to GNDA)
Rating
Symbol
Value
Unit
DC Supply Voltage
VCC to VBB
VCC to GNDA
VBB to GNDA
– 0.5 to + 13
– 0.3 to + 7.0
– 7.0 to + 0.3
V
Voltage on Any Analog Input or Output Pin
VBB – 0.3 to
VCC + 0.3
V
Voltage on Any Digital Input or Output Pin
GNDA – 0.3 to
VCC + 0.3
V
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
POWER SUPPLY (TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
DC Supply Voltage
VCC
VBB
4.75
– 4.75
5.0
– 5.0
5.25
– 5.25
V
Active Power Dissipation (No Load)
ML145554/57
ML145564/67
ML145564/67, VPI = V BB
40
45
40
60
70
60
mW
Power–Down Dissipation (No Load)
ML145554/57
ML145564/67
ML145564/67, VPI = V BB
1.0
2.0
1.0
3.0
5.0
3.0
mW
DIGITAL LEVELS (VCC = 5 V ± 5%, VBB = – 5 V ± 5%, GNDA = 0 V, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Max
Unit
Input Low Voltage
VIL
0.6
V
Input High Voltage
VIH
2.2
V
Output Low Voltage
DX or TSX, IOL = 3.2 mA
VOL
0.4
V
Output High Voltage
DX, IOH = – 3.2 mA
IOH = – 1.6 mA
VOH
2.4
VCC – 0.5
V
Input Low Current
GNDA
≤ Vin ≤ VCC
IIL
– 10
+ 10
µA
Input High Current
GNDA
≤ Vin ≤ VCC
IIH
– 10
+ 10
µA
Output Current in High Impedance State
GNDA
≤ DX ≤ VCC
IOZ
– 10
+ 10
µA
This device contains circuitry to protect
against damage due to high static voltages or
electric fields; however, it is advised that
normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to this high impedance circuit.
For proper operation it is recommended that
Vin and Vout be constrained to the range VSS
(Vin or Vout) VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., VBB,
GNDA, or VCC).
www.lansdale.com
Page 6 of 18
Issue A


Podobny numer części - MC145554DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC145554DW LANSDALE-MC145554DW Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Podobny opis - MC145554DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com