Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8380 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS8380
Szczegółowy opis  18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8380 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS8380 Datasheet HTML 1Page - Burr-Brown (TI) ADS8380 Datasheet HTML 2Page - Burr-Brown (TI) ADS8380 Datasheet HTML 3Page - Burr-Brown (TI) ADS8380 Datasheet HTML 4Page - Burr-Brown (TI) ADS8380 Datasheet HTML 5Page - Burr-Brown (TI) ADS8380 Datasheet HTML 6Page - Burr-Brown (TI) ADS8380 Datasheet HTML 7Page - Burr-Brown (TI) ADS8380 Datasheet HTML 8Page - Burr-Brown (TI) ADS8380 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
www.ti.com
TIMING REQUIREMENTS
(1) (2) (3) (4) (5) (6)
ADS8380
SLAS387A – NOVEMBER 2004 – REVISED DECEMBER 2004
ADS8380I/ADS8380IB
REF
PARAMETER
UNIT
FIGURE
MIN
TYP
MAX
tconv
Conversion time
1000
1160
ns
41 – 44
tacq1
Acquisition time in normal mode
0.5
1000
µs
41,42,44
tacq2
Acquisition time in nap mode (tacq2 = tacq1 + td18)
0.8
1000
µs
43
CONVERSION AND SAMPLING
Quite sampling time (last toggle of interface signals to convert start
40 – 43,
tquiet1
30
ns
command)(6)
45 – 47
Quite sampling time (convert start command to first toggle of interface
40 – 43,
tquiet2
10
ns
signals)(6)
45 – 47
Quite conversion time (last toggle of interface signals to fall of BUSY)(6)
40 – 43,
tquiet3
600
ns
45,47
tsu1
Setup time, CONVST before BUSY fall
15
ns
41
tsu2
Setup time, CS before BUSY fall (only for conversion/sampling control)
20
ns
40,41
tsu4
Setup time, CONVST before CS rise (so CONVST can be recognized)
5
ns
41,43,44
th1
Hold time, CS after BUSY fall (only for conversion/sampling control)
0
ns
41
th3
Hold time, CONVST after CS rise
7
ns
43
th4
Hold time, CONVST after CS fall (to ensure width of CONVST_QUAL)(4)
20
ns
42
tw1
CONVST pulse duration
20
ns
43
tw2
CS pulse duration
10
ns
41,42
Pulse duration, time between conversion start command and conversion
tw5
1000
ns
44
abort command to successfully abort the ongoing conversion
DATA READ OPERATION
tcyc
SCLK period
25
ns
45 – 47
SCLK duty cycle
40%
60%
tsu5
Setup time, CS fall before first SCLK fall
10
ns
45
tsu6
Setup time, CS fall before FS rise
7
ns
46,47
tsu7
Setup time, FS fall before first SCLK fall
7
ns
46,47
th5
Hold time, CS fall after SCLK fall
3
ns
45
th6
Hold time, FS fall after SCLK fall
7
ns
46,47
tsu2
Setup time, CS fall before BUSY fall (only for read control)
20
ns
40,45
tsu3
Setup time, FS fall before BUSY fall (only for read control)
20
ns
40,47
th2
Hold time, CS fall after BUSY fall (only for read control)
15
ns
40,45
th8
Hold time, FS fall after BUSY fall (only for read control)
15
ns
40,47
tw2
CS pulse duration
10
ns
45
tw3
FS pulse duration
10
ns
46,47
MISCELLANEOUS
tw4
PD pulse duration for reset and power down
60
ns
53,54
All unspecified pulse durations
10
ns
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2.
(2)
All specifications typical at –40
°C to 85°C, +VA = +4.75 V to +5.25 V, +VBD = +2.7 V to +5.25 V.
(3)
All digital output signals loaded with 10-pF capacitors.
(4)
CONVST_QUAL is CONVST latched by a low value on CS (see Figure 39).
(5)
Reference figure indicated is only a representative of where the timing is applicable and is not exhaustive.
(6)
Quiet time zones are for meeting performance and not functionality.
5


Podobny numer części - ADS8380

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS8380 BURR-BROWN-ADS8380 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IBRHPT TI1-ADS8380IBRHPT Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IBRHPTG4 TI1-ADS8380IBRHPTG4 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8380IRHPT TI1-ADS8380IRHPT Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results

Podobny opis - ADS8380

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8380 TI1-ADS8380 Datasheet
1Mb / 35P
[Old version datasheet]   18-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8370 BURR-BROWN-ADS8370 Datasheet
782Kb / 29P
   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8370 TI1-ADS8370 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 600-kHz, PSEUDO-DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8372 TI1-ADS8372 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8372 BURR-BROWN-ADS8372_13 Datasheet
1Mb / 36P
   16-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com