Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC10062 Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC10062
Szczegółowy opis  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10062 Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  ADC10062 Datasheet HTML 1Page - National Semiconductor (TI) ADC10062 Datasheet HTML 2Page - National Semiconductor (TI) ADC10062 Datasheet HTML 3Page - National Semiconductor (TI) ADC10062 Datasheet HTML 4Page - National Semiconductor (TI) ADC10062 Datasheet HTML 5Page - National Semiconductor (TI) ADC10062 Datasheet HTML 6Page - National Semiconductor (TI) ADC10062 Datasheet HTML 7Page - National Semiconductor (TI) ADC10062 Datasheet HTML 8Page - National Semiconductor (TI) ADC10062 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ADC10061/ADC10062/ADC10064
10-Bit 600 ns A/D Converter with Input Multiplexer and
Sample/Hold
General Description
Using an innovative, patented multistep* conversion tech-
nique, the 10-bit ADC10061, ADC10062, and ADC10064
CMOS analog-to-digital converters offer sub-microsecond
conversion times yet dissipate a maximum of only 235 mW.
The ADC10061, ADC10062, and ADC10064 perform a
10-bit conversion in two lower-resolution “flashes”, thus
yielding a fast A/D without the cost, power dissipation, and
other problems associated with true flash approaches. The
ADC10061 is pin-compatible with the ADC1061 but much
faster, thus providing a convenient upgrade path for the
ADC1061.
The analog input voltage to the ADC10061, ADC10062, and
ADC10064 is sampled and held by an internal sampling
circuit. Input signals at frequencies from dc to over 200 kHz
can therefore be digitized accurately without the need for an
external sample-and-hold circuit.
The ADC10062 and ADC10064 include a “speed-up” pin.
Connecting an external resistor between this pin and ground
reduces the typical conversion time to as little as 350 ns with
only a small increase in linearity error.
For ease of interface to microprocessors, the ADC10061,
ADC10062, and ADC10064 have been designed to appear
as a memory location or I/O port without the need for exter-
nal interface logic.
*U.S. Patent Number 4918449
Features
n
Built-in sample-and-hold
n
Single +5V supply
n
1, 2, or 4-input multiplexer options
n
No external clock required
n
Speed adjust pin for faster conversions (ADC10062
and ADC10064). See ADC10662/4 for high speed
guaranteed performance.
Key Specifications
n
Conversion time to 10 bits
600 ns typical,
n
900 ns max over temperature
n
Sampling Rate
800 kHz
n
Low power dissipation
235 mW (max)
n
Total unadjusted error
±1.0 LSB (max)
n
No missing codes over temperature
Applications
n
Digital signal processor front ends
n
Instrumentation
n
Disk drives
n
Mobile telecommunications
Simplified Block Diagram
01102001
*ADC10061 Only
**ADC10062 and ADC10064 Only
***ADC10064 Only
November 2001
© 2001 National Semiconductor Corporation
DS011020
www.national.com


Podobny numer części - ADC10062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10062 NSC-ADC10062 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10062 TI1-ADC10062 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   10-Bit 600 ns A/D Converter
ADC10062 TI1-ADC10062 Datasheet
1Mb / 22P
[Old version datasheet]   A/D Converter
logo
National Semiconductor ...
ADC10062CIWM NSC-ADC10062CIWM Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Podobny opis - ADC10062

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_15 Datasheet
1Mb / 23P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com