Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP445FA Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC10EP445FA
Szczegółowy opis  3.3V/5V ECL 8-Bit Serial/Parallel Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP445FA Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC10EP445FA Datasheet HTML 3Page - ON Semiconductor MC10EP445FA Datasheet HTML 4Page - ON Semiconductor MC10EP445FA Datasheet HTML 5Page - ON Semiconductor MC10EP445FA Datasheet HTML 6Page - ON Semiconductor MC10EP445FA Datasheet HTML 7Page - ON Semiconductor MC10EP445FA Datasheet HTML 8Page - ON Semiconductor MC10EP445FA Datasheet HTML 9Page - ON Semiconductor MC10EP445FA Datasheet HTML 10Page - ON Semiconductor MC10EP445FA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC10EP445, MC100EP445
http://onsemi.com
7
100EP DC CHARACTERISTICS, NECL VCC = 0 V, VEE = -5.5 V to -3.0 V (Note 21)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current (Note 22)
95
119
143
98
122
146
100
125
150
mA
VOH
Output HIGH Voltage (Note 23)
-1 145
-1020
-895
-1 145
-1020
-895
-1 145
-1020
-895
mV
VOL
Output LOW Voltage (Note 23)
-1945
-1820
-1695
-1945
-1820
-1695
-1945
-1820
-1695
mV
VIH
Input HIGH Voltage (Single-Ended)
-1225
-880
-1225
-880
-1225
-880
mV
VIL
Input LOW Voltage (Single-Ended)
-1945
-1625
-1945
-1625
-1945
-1625
mV
VBB
Output Voltage Reference
-1525
-1425
-1325
-1525
-1425
-1325
-1525
-1425
-1325
mV
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 24)
VEE + 2.0
0.0
VEE + 2.0
0.0
VEE + 2.0
0.0
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
21. Input and output parameters vary 1:1 with VCC.
22. Required 500 lfpm air flow when using -5 V power supply. For (VCC - VEE) > 3.3 V, 5 W to 10 W in line with VEE required for maximum thermal
protection at elevated temperatures. Recommend VCC-V EE operation at v 3.3 V.
23. All loading with 50
W to VCC - 2.0 volts.
24. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
AC CHARACTERISTICS VCC = 0 V; VEE = -3.0 V to -5.5 V or VCC = 3.0 V to 5.5 V; VEE = 0 V (Note 25)
-40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Input CLK Frequency
CKSEL = LOW
(See Figure 12. Fmax/JITTER)
CKSEL = HIGH
2.0
2.8
2.5
3.3
2.0
2.8
2.5
3.3
1.7
2.8
2.2
3.3
GHz
tPLH,
tPHL
Propagation Delay to
CLK to Q
Output Differential
CLK TO PCLK
1230
1000
1450
1240
1660
1490
1300
1050
1530
1310
1760
1580
1400
1140
1650
1420
1900
1710
ps
ts
Setup Time
SINA, B+ TO CLK+ (Figure 4)
CKEN+ TO CLK- (Figure 5)
-300
100
-400
50
-300
100
-400
50
-300
100
-400
50
ps
th
Hold Time
CLK+ TO SINA, B- (Figure 4)
CLK- TO CKEN (Figure 5)
650
45
550
-35
675
45
575
-35
725
45
625
-35
ps
tRR/tRR2
Reset Recovery (Figure 3)
350
180
350
180
350
180
ps
tPW
Minimum Pulse Width
RESET
400
400
400
ps
tJITTER
Cycle-to-Cycle Jitter
PCLK
(See Figure 12. Fmax/JITTER)
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Voltage Swing (Differential)
(Note 26)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Times
Q
(20% - 80%)
100
180
250
100
200
300
125
230
325
ps
25. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC - 2.0 V.
26. VPP(min) is the minimum input swing for which AC parameters are guaranteed.


Podobny numer części - MC10EP445FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAR2G ONSEMI-MC10EP445FAR2G Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Podobny opis - MC10EP445FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com