Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL6609ANPDS Arkusz danych(PDF) 3 Page - Zarlink Semiconductor Inc

Numer części SL6609ANPDS
Szczegółowy opis  DIRECT CONVERSION FSK DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6609ANPDS Arkusz danych(HTML) 3 Page - Zarlink Semiconductor Inc

  SL6609ANPDS Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6609ANPDS Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SL6609A
2
V
V
mA
µA
µA
µA
V
V
µA
V
µA
mA
ms
ms
µA
µA
µVrms
µA
µA
Max
2.8
3.5
1.8
700
1
8
1.05
1.27
20
1.07
10
5
600
9:7
500
1.0
Min
0.95
1.8
0.95
1.15
0.93
0.25
400
40
7:9
100
21
13
21,27,28
11,13,14
21,27,28
11,13,14
23
19
19
6
6
17
27
14
14
14
VCC1 - Supply voltage
VCC2 - Supply voltage
ICC1 - Supply current
ICC2 - Supply current
Power down ICC1
Power down ICC2
1 volt regulator
Band gap voltage reference
Band gap current source
Voltage reference
Voltage reference sink/source
1 volt regulator load current
Turn on Time
Turn off Time
Detector output current
RF current source
Current Source
(IRF)
Decoder
Sensitivity
Output mark space ratio
Data O/P Sink Current
Data O/P Leakage Current
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions unless otherwise stated:
Tamb = 25°C, VCC1 = 1.3V, VCC2 = 2.7V
Characteristics
Pin
Comments
Value
Units
1.3
2.7
1.5
550
1.0
1.21
1.0
3
5
1
+/-4
500
Typ
VCC1 < VCC2 - 0.7 volts
Includes IRF. Does not include
regulator supply. Audio
AGC inactive
Batt flag & Data O/P high
Pin 27 voltage: 0.3 - 1.3V
I Load = 3mA. Ext PNP.
ß >= 100, V
CE = 0.1 volt
VCC1 > 1.1V
Stable data o/p when 3dB above
sensitivity. C
BG and CVR = 2.2µF
Fall to 10% of steady state current
C
BG and CVR = 2.2µF
Pin 27 voltage: 0.3 - 1.3V
Signal injected at TPX and TPY
B.E.R. < 1 in 30
5KHz deviation @ 1200 bits/sec
BRF capacitor = 1nF
Output logic low
Output Iogic high


Podobny numer części - SL6609ANPDS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDE MITEL-SL6609AKGNPDE Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
SL6609AKGNPDS MITEL-SL6609AKGNPDS Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
More results

Podobny opis - SL6609ANPDS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mitel Networks Corporat...
SL6619 MITEL-SL6619 Datasheet
281Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL6610 ZARLINK-SL6610 Datasheet
487Kb / 20P
   Direct Conversion FSK Data Receiver
SL6619 ZARLINK-SL6619 Datasheet
618Kb / 21P
   Direct Conversion FSK Data Receiver
logo
Mitel Networks Corporat...
SL6679 MITEL-SL6679 Datasheet
371Kb / 23P
   Direct Conversion FSK Data Receiver
SL6609A MITEL-SL6609A Datasheet
321Kb / 18P
   Direct Conversion FSK Data Receiver
logo
Zarlink Semiconductor I...
SL66491-1 ZARLINK-SL66491-1 Datasheet
418Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
SL6649-1 ZARLINK-SL6649-1 Datasheet
424Kb / 14P
   200MHz DIRECT CONVERSION FSK DATA RECEIVER
logo
List of Unclassifed Man...
5504DCR ETC1-5504DCR Datasheet
145Kb / 11P
   Direct Conversion Receiver
logo
Zarlink Semiconductor I...
ZIF100 ZARLINK-ZIF100 Datasheet
241Kb / 4P
   Direct Conversion 4FSK Data Receiver Target Specification
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com