Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE3C3992-8 Arkusz danych(PDF) 2 Page - Pasternack Enterprises, Inc.

Numer części PE3C3992-8
Szczegółowy opis  Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PASTERNACK [Pasternack Enterprises, Inc.]
Strona internetowa  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3992-8 Arkusz danych(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3C3992-8 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3992-8 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3992-8 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3992-8 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
0.1
0.25
0.5
1
3
GHz
Insertion Loss (Max.)
0.3
0.35
0.41
0.5
0.73
dB
.
Mechanical Specifications
Cable Assembly
Length*
8 in [203.2 mm]
Diameter
0.43 in [10.92 mm]
.
Cable
Cable Type
RG178
Impedance
50 Ohms
Inner Conductor Type
Stranded
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
1
Shield Layer 1
Silver Plated Copper Braid
Jacket Material
FEP, Tan
Jacket Diameter
0.072 in [1.83 mm]
.
Repeated Minimum Bend Radius
0.4 in [10.16 mm]
Connectors
Description
Connector 1
Connector 2
Type
MMBX Plug Right Angle
SMA Female Reverse Polarity Bulkhead
Impedance
50 Ohms
50 Ohms
Connection Method
Snap-On
Mating Cycles
100
500
Contact Material and Plating
Beryllium Copper, Gold
Brass, Gold
Dielectric Type
PTFE
PTFE
Outer Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Gold
Brass, Gold
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
PE3C3992-8 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch
Length Using RG178 Coax PE3C3992-8
RF Cable Assemblies Technical Data Sheet
PE3C3992-8
Snap-On MMBX Plug Right Angle to Reverse Polarity SMA
Female Bulkhead Cable 8 Inch Length Using RG178 Coax


Podobny numer części - PE3C3992-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-24 PASTERNACK-PE3C3992-24 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results

Podobny opis - PE3C3992-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE3C3991-8 PASTERNACK-PE3C3991-8 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-24 PASTERNACK-PE3C3992-24 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3992 PASTERNACK-PE3C3992 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable Using RG178 Coax
PE3C3991-18 PASTERNACK-PE3C3991-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3991-4 PASTERNACK-PE3C3991-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3991-6 PASTERNACK-PE3C3991-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com