Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSF250 Arkusz danych(PDF) 3 Page - Schurter Inc.

Numer części MSF250
Szczegółowy opis  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SCHURTER [Schurter Inc.]
Strona internetowa  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSF250 Arkusz danych(HTML) 3 Page - Schurter Inc.

  MSF250_18 Datasheet HTML 1Page - Schurter Inc. MSF250_18 Datasheet HTML 2Page - Schurter Inc. MSF250_18 Datasheet HTML 3Page - Schurter Inc. MSF250_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Fuses
MSF 250
https://www.schurter.com /PG01_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
Multiple of Rated Current In
All Variants
Rated Cur-
rent [A]
Rated Vol-
tage [VAC]
Breaking
Capacity
Voltage Drop
1.0 In max.
[mV]
Voltage Drop
1.0 In typ.
[mV]
Power Dissi-
pation 1.5 In
max. [mW]
Melting I²t
10.0 Intyp.
[A²s]
S L T Order Number
0.04
250
1)
-
400
-
0.00016
l
l
0034.6000
0.05
250
1)
850
460
110
0.0004
l
l
l
l
0034.6001
0.063
250
1)
750
330
120
0.001
l
l
l
l
0034.6002
0.08
250
1)
650
280
140
0.001
l
l
l
l
0034.6003
0.1
250
1)
600
300
160
0.002
l
l
l
l
0034.6004
0.125
250
1)
550
210
180
0.006
l
l
l
l
0034.6005
0.16
250
1)
500
460
210
0.014
l
l
l
l
0034.6006
0.2
250
1)
480
470
250
0.024
l
l
l
l
0034.6007
0.25
250
1)
440
360
290
0.058
l
l
l
l
0034.6008
0.315
250
1)
400
345
330
0.104
l
l
l
l
0034.6009
0.4
250
1)
370
80
390
0.044
l
l
l
l
0034.6010
0.5
250
1)
350
75
460
0.09
l
l
l
l
0034.6011
0.63
250
1)
320
70
530
0.15
l
l
l
l
0034.6012
0.8
250
1)
300
70
630
0.22
l
l
l
l
0034.6013
1
250
1)
280
70
740
0.33
l
l
l
l
0034.6014
1.25
250
1)
280
65
920
0.68
l
l
l
l
0034.6015
1.6
250
1)
250
70
1000
0.94
l
l
l
l
0034.6016
2
250
1)
240
70
1360
1.3
l
l
l
l
0034.6017
2.5
250
1)
200
65
1310
1.9
l
l
l
l
0034.6018
3.15
250
1)
180
65
1490
5.4
l
l
l
l
0034.6019
4
250
2)
160
60
1680
7.9
l
l
0034.6020
5
250
2)
150
60
1970
11.2
l
l
0034.6021
0.04
250
1)
-
400
-
0.00016
l
l
0034.6030
0.05
250
1)
850
460
110
0.0004
l
l
l
l
0034.6031
0.063
250
1)
750
330
120
0.001
l
l
l
l
0034.6032
0.08
250
1)
650
280
140
0.001
l
l
l
l
0034.6033
0.1
250
1)
600
300
160
0.002
l
l
l
l
0034.6034


Podobny numer części - MSF250_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
More results

Podobny opis - MSF250_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Schurter Inc.
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com