Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3502 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADP3502
Szczegółowy opis  CDMA Power Management System
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3502 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADP3502 Datasheet HTML 4Page - Analog Devices ADP3502 Datasheet HTML 5Page - Analog Devices ADP3502 Datasheet HTML 6Page - Analog Devices ADP3502 Datasheet HTML 7Page - Analog Devices ADP3502 Datasheet HTML 8Page - Analog Devices ADP3502 Datasheet HTML 9Page - Analog Devices ADP3502 Datasheet HTML 10Page - Analog Devices ADP3502 Datasheet HTML 11Page - Analog Devices ADP3502 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
REV. 0
–8–
ADP3502
ABSOLUTE MAXIMUM RATINGS
*
Voltage on ADAPTER, ADPSUPPLY Pin
to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, 15 V
Voltage on VBAT Pin to GND . . . . . . . . . . . . –0.3 V, +6.5 V
Voltage on Pins 6–13, 21–28
to GND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VLDO1 + 0.3 V
Voltage on Pins 1, 62–64 . . . . . . . . . . . –0.3 V, VBAT + 0.3 V
Voltage on Pins 20, 32 . . . . . . . . . . . . . –0.3 V, VRTCV + 0.3 V
Voltage on Pin 60 . . . . . . . . . . . . . . –0.3 V, VADAPTER + 0.3 V
Voltage on Pins 2–5, 14, 30, 31, 33 . . . . . . . . . –0.3 V, +6.5 V
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range . . . . . . . . . . . –30
°C to +85°C
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3502 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
JA Thermal Impedance (TQFP-64)
(2-Layer Board) . . . . . . . . . . . . . . . . . . . . . . . . . . . 87.4
°C/W
JA Thermal Impedance (TQFP-64)
(4-Layer Board) . . . . . . . . . . . . . . . . . . . . . . . . . . 56.2
°C/W
Lead Temperature Range
(Soldering, 60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Absolute maximum
ratings apply individually only, not in combination. Unless otherwise specified all
other voltages are referenced to GND.
ORDERING GUIDE
Model
Temperature Range
Package
ADP3502ASU
–30
°C to +85°C64-Lead TQFP


Podobny numer części - ADP3502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
   CDMA Power Management System
REV. 0
More results

Podobny opis - ADP3502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
   CDMA Power Management System
REV. 0
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
   CDMA Power Management System
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
   CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
   CDMA Power Management System
REV. 0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
   CDMA Power Management Unit
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
[Old version datasheet]   CDMA Power Management Unit
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com