Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5240IPAP Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS5240IPAP
Szczegółowy opis  4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5240IPAP Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS5240IPAP Datasheet HTML 7Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 8Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 9Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 10Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 11Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 12Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 13Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 14Page - Burr-Brown (TI) ADS5240IPAP Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
ADS5240
SBAS326C – JUNE 2004 – REVISED DECEMBER 2004
PIN DESCRIPTIONS
NAME
PIN #
I/O
DESCRIPTION
AVDD
1, 5, 10, 39, 44, 48, 55, 60
I
Analog Power Supply
IN1P
2
I
Channel 1 Differential Analog Input High
IN1N
3
I
Channel 1 Differential Analog Input Low
AVSS
4, 6, 9, 40, 43, 45, 49, 57-59, 64
I
Analog Ground
IN2P
7
I
Channel 2 Differential Analog Input High
IN2N
8
I
Channel 2 Differential Analog Input Low
LVSS
11, 13, 14, 22, 28, 35, 36, 38
I
LVDS Ground
PD
12
I
Power-Down; 0 = Normal, 1 = Power-Down
LCLKP
15
O
Positive LVDS Clock
LCLKN
16
O
Negative LVDS Clock
NC
17, 18, 31, 32
No Connection
OUT1P
19
O
Channel 1 Positive LVDS Data Output
OUT1N
20
O
Channel 1 Negative LVDS Data Output
LVDD
21, 27
I
LVDS Power Supply
OUT2P
23
O
Channel 2 Positive LVDS Data Output
OUT2N
24
O
Channel 2 Negative LVDS Data Output
OUT3P
25
O
Channel 3 Positive LVDS Data Output
OUT3N
26
O
Channel 3 Negative LVDS Data Output
OUT4P
29
O
Channel 4 Positive LVDS Data Output
OUT4N
30
O
Channel 4 Negative LVDS Data Output
ADCLKP
33
O
Positive LVDS ADC Clock Output
ADCLKN
34
O
Negative LVDS ADC Clock Output
RESET
37
I
Reset Registers to Default; 0 = Reset, 1 = Normal
IN3P
41
I
Channel 3 Differential Analog Input High
IN3N
42
I
Channel 3 Differential Analog Input Low
IN4P
46
I
Channel 4 Differential Analog Input High
IN4N
47
I
Channel 4 Differential Analog Input Low
ISET
50
I/O
Bias Current Setting Resistor of 56.2k
Ω to Ground
VCM
51
O
Common-Mode Output Voltage
REFB
52
I/O
Reference Bottom Voltage (2
Ω resistor in series with 0.1µF capacitor to ground)
REFT
53
I/O
Reference Top Voltage (2
Ω resistor in series with 0.1µF capacitor to ground)
INT/EXT
54
I
Internal/External Reference Select; 0 = External, 1 = Internal
ADCLK
56
I
Data Converter Clock Input
CS
61
I
Chip-Select; 0 = Select, 1 = No Select
SDATA
62
I
Serial Data Input
SCLK
63
I
Serial Data Clock
11


Podobny numer części - ADS5240IPAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5240 TI-ADS5240 Datasheet
1,010Kb / 29P
[Old version datasheet]   4-Channel, 12-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
More results

Podobny opis - ADS5240IPAP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Maxim Integrated Produc...
MAX1126 MAXIM-MAX1126 Datasheet
790Kb / 25P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
19-3143; Rev 1; 3/04
MAX1436B MAXIM-MAX1436B Datasheet
516Kb / 24P
   Octal, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
Rev 1; 2/11
MAX1126 MAXIM-MAX1126_V01 Datasheet
1Mb / 26P
   Quad, 12-Bit, 40Msps, 1.8V ADC with Serial LVDS Outputs
2005
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com