Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTCQBP Arkusz danych(PDF) 17 Page - OSRAM GmbH

Numer części LTCQBP
Szczegółowy opis  OSLON Signal
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTCQBP Arkusz danych(HTML) 17 Page - OSRAM GmbH

Back Button LTCQBP_18 Datasheet HTML 13Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 14Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 15Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 16Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 17Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 18Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 19Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 20Page - OSRAM GmbH LTCQBP_18 Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Version 1.6
LT CQBP
2018-03-01
17
Transportation Packing and Materials
Kartonverpackung und Materialien
Dimensions of transportation box in mm
Width
Length
Height
Breite
Länge
Höhe
195 ± 5
195 ± 5
30 ± 5
OHA02044
1
0
1
1
210021998
0
2
4 5
OSRAM
Packing
Sealing label
Barcode label
Moisture
Level
3
Floor
time
168
Hours
Moisture
Level
6
Floor
time
6
Hours
a)
Humidity
Indicator
Card
is
>
10%
when
read
at
23
˚C
±
5
˚C,
or
reflow,
vapor-phase
reflow,
or
equivalent
processing
(peak
package
2.
After
this
bag
is
opened,
devices
that
will
be
subjected
to
infrared
1.
Shelf
life
in
sealed
bag:
24
months
at
<
40
˚C
and
<
90%
relative
humidity
(RH).
Moisture
Level
5a
at
factory
conditions
of
(if
blank,
seal
date
is
identical
with
date
code).
a)
Mounted
within
b)
Stored
at
body
temp.
3.
Devices
require
baking,
before
mounting,
if:
Bag
seal
date
Moisture
Level
1
Moisture
Level
2
Moisture
Level
2a
4.
If
baking
is
required,
b)
2a
or
2b
is
not
met.
Date
and
time
opened:
reference
IPC/JEDEC
J-STD-033
for
bake
procedure.
Floor
time
see
below
If
blank,
see
bar
code
label
Floor
time
>
1
Year
Floor
time
1
Year
Floor
time
4
Weeks
10%
RH.
_
<
Moisture
Level
4
Moisture
Level
5
˚C).
OPTO
SEMICONDUCTORS
MOISTURE
SENSITIVE
This
bag
contains
CAUTION
Floor
time
72
Hours
Floor
time
48
Hours
Floor
time
24
Hours
30
˚C/60%
RH.
_
<
LEVEL
If
blank,
see
bar
code
label
Barcode label


Podobny numer części - LTCQBP_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LTCQBP-KYLX-36-1 OSRAM-LTCQBP-KYLX-36-1 Datasheet
939Kb / 21P
   Architectural Lighting indoor
LTCQBP-KYLY-36-8E8G OSRAM-LTCQBP-KYLY-36-8E8G Datasheet
966Kb / 21P
   OSLON Signal
More results

Podobny opis - LTCQBP_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
LJCKBP OSRAM-LJCKBP_18 Datasheet
1,001Kb / 22P
   OSLON Signal
LCBCRBP OSRAM-LCBCRBP Datasheet
1,018Kb / 22P
   OSLON Signal
LVCQBP OSRAM-LVCQBP Datasheet
987Kb / 23P
   OSLON Signal
LYCKBP OSRAM-LYCKBP Datasheet
960Kb / 21P
   OSLON Signal
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
   OSLON Signal
LTCQBP OSRAM-LTCQBP Datasheet
966Kb / 21P
   OSLON Signal
LJCKBP OSRAM-LJCKBP Datasheet
977Kb / 22P
   OSLON Signal
LCYCLBP OSRAM-LCYCLBP Datasheet
766Kb / 22P
   OSLON Signal
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
   OSLON Square
LRH9GP OSRAM-LRH9GP Datasheet
620Kb / 21P
   OSLON Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com