Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MIOE-PWR1 Arkusz danych(PDF) 1 Page - Advantech Co., Ltd.

Numer części MIOE-PWR1
Szczegółowy opis  12-24V DC to DC Power Module MI/O-Chassis compliant
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADVANTECH [Advantech Co., Ltd.]
Strona internetowa  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIOE-PWR1 Arkusz danych(HTML) 1 Page - Advantech Co., Ltd.

  MIOE-PWR1 Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Embedded M2M/IoT Modules
MIOe-PWR2
9-36V DC to DC Power Module
MI/O-Chassis compliant
MIOe-PWR1
12-24V DC to DC Power Module
MI/O-Chassis compliant
NEW
NEW
Specifications
General
Input Voltage
12 to 24 VDC ±5%
Output Voltage
12V ±10%
Output Current
Max. 5A
Protection
OVP, OCP, Anti-reverse
Connector type
Input: Phoenix 2pin
Output: ATX 2x2pin
Mechanical and
Environmental
Dimensions (L x W)
90 x 53 mm (3.5" x 2.1")
Operating Temperature
0 ~ 60
° C (32 ~ 140° F)
Weight
0.084 kg (0.185 lb)
Operating Humidity
0% ~ 90% relative humidity,
non-condensing
Ordering Information
P/N
Description
MIOe-PWR1-00A1E
12-24V DC to DC power module
MIOe-PWR1Z-00A1E
12-24V DC power module
-20 ~80 ° C
Accessories
Part No.
Description
1700021072-01
Power cable 2*2P-4.2/2*2P-4.2, 10cm
Specifications
General
Input Voltage
9 to 36 VDC
Output Voltage
12V ±10%
Output Current
Max. 5A
Protection
OVP, OCP, Anti-reverse
Connector type
Input: Phoenix 2pin
Output: 4pin 2.54mm Wafer
Mechanical and
Environmental
Dimensions (L x W)
102 x 53 mm (4" x 2.1")
Operating Temperature
0 ~ 60
° C (32 ~ 140° F)
Weight
0.115 kg (0.253 lb)
Operating Humidity
10~95% R.H. @ 40C, 95% R.H.
non-condensing
Ordering Information
P/N
Description
MIOe-PWR2-00A1E
9-36V DC to DC power module
Accessories
Part No.
Description
1700023499-01
Power cable 2*2P-4.2/1*4-2.5 5cm
®
UL
®
UL
All product specifications are subject to change without notice
Last updated : 13-Jul-2015


Podobny numer części - MIOE-PWR1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
MIOE-PWR1-00A1E ADVANTECH-MIOE-PWR1-00A1E Datasheet
691Kb / 2P
   MI/O Extension Modules
MIOE-PWR1-00A1E ADVANTECH-MIOE-PWR1-00A1E Datasheet
474Kb / 1P
   12-24V DC to DC Power Module MI/O-Chassis compliant
MIOE-PWR1Z-00A1E ADVANTECH-MIOE-PWR1Z-00A1E Datasheet
474Kb / 1P
   12-24V DC to DC Power Module MI/O-Chassis compliant
More results

Podobny opis - MIOE-PWR1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
MIOE-PWR2-00A1E ADVANTECH-MIOE-PWR2-00A1E Datasheet
474Kb / 1P
   12-24V DC to DC Power Module MI/O-Chassis compliant
logo
NHP Electrical Engineer...
1794-OB16 NHP-1794-OB16 Datasheet
613Kb / 1P
   FLEX I/O 16DO 24V DC MODULE
6 June 2023,
5069-OB16 NHP-5069-OB16 Datasheet
561Kb / 1P
   COMPACT 5000 I/O 16DO 24V DC MODULE
8 June 2023,
1734-OB8 NHP-1734-OB8 Datasheet
622Kb / 1P
   POINT I/O 8DO 24V DC SOURCE MODULE
7 June 2023,
1734-IK NHP-1734-IK Datasheet
496Kb / 1P
   POINT I/O 24V DC INCREMENTAL ENCODER MODULE
7 June 2023,
1734-OB8S NHP-1734-OB8S Datasheet
662Kb / 1P
   POINTGUARD SAFETY I/O 8DO 24V DC MODULE
7 June 2023,
5069-IB16 NHP-5069-IB16 Datasheet
561Kb / 1P
   COMPACT 5000 I/O 16DI 24V DC MODULE
8 June 2023,
1794-OB16P NHP-1794-OB16P Datasheet
613Kb / 1P
   FLEX I/O 16DO 24V DC PROTECTED MODULE
7 June 2023,
1794-IB32 NHP-1794-IB32 Datasheet
508Kb / 1P
   FLEX I/O 32DI 24V DC SINK MODULE
7 June 2023,
1794-IB8 NHP-1794-IB8 Datasheet
507Kb / 1P
   FLEX I/O 8DI 24V DC SINK MODULE
7 June 2023,
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com