Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CY7C1441KV33 Arkusz danych(PDF) 9 Page - Cypress Semiconductor

Numer części CY7C1441KV33
Szczegółowy opis  36-Mbit (1M36/2M18) Flow-Through SRAM (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1441KV33 Arkusz danych(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1441KV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1441KV33 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
CY7C1441KV33
CY7C1443KV33
CY7C1441KVE33
Document Number: 001-66677 Rev. *I
Page 9 of 32
lines are tristated once a write cycle is detected, regardless of
the state of OE.
Single Write Accesses Initiated by ADSC
This write access is initiated when the following conditions are
satisfied at clock rise: (1) CE1, CE2, and CE3 are all asserted
active, (2) ADSC is asserted LOW, (3) ADSP is deasserted
HIGH, and (4) the write input signals (GW, BWE, and BWX)
indicate a write access. ADSC is ignored if ADSP is active LOW.
The addresses presented are loaded into the address register
and the burst counter/control logic and delivered to the memory
core. The information presented to DQS is written into the
specified address location. Byte writes are allowed. All I/Os are
tristated when a write is detected, even a byte write. Since this
is a common I/O device, the asynchronous OE input signal must
be deasserted and the I/Os must be tristated prior to the
presentation of data to DQs. As a safety precaution, the data
lines are tristated once a write cycle is detected, regardless of
the state of OE.
Burst Sequences
The
CY7C1441KV33/CY7C1443KV33/CY7C1441KVE33
provide an on-chip two-bit wraparound burst counter inside the
SRAM. The burst counter is fed by A[1:0], and can follow either a
linear or interleaved burst order. The burst order is determined
by the state of the MODE input. A LOW on MODE selects a linear
burst sequence. A HIGH on MODE selects an interleaved burst
order. Leaving MODE unconnected causes the device to default
to a interleaved burst sequence.
Sleep Mode
The ZZ input pin is an asynchronous input. Asserting ZZ places
the SRAM in a power conservation “sleep” mode. Two clock
cycles are required to enter into or exit from this “sleep” mode.
While in this mode, data integrity is guaranteed. Accesses
pending when entering the “sleep” mode are not considered valid
nor is the completion of the operation guaranteed. The device
must be deselected prior to entering the “sleep” mode. CE1,
CE2,CE3, ADSP, and ADSC must remain inactive for the
duration of tZZREC after the ZZ input returns LOW.
On-Chip ECC
CY7C1441KVE33 SRAMs include an on-chip ECC algorithm
that detects and corrects all single-bit memory errors, including
Soft Error Upset (SEU) events induced by cosmic rays, alpha
particles etc. The resulting Soft Error Rate (SER) of these
devices
is
anticipated
to
be
<0.01
FITs/Mb
a
4-order-of-magnitude improvement over comparable SRAMs
with no On-Chip ECC, which typically have an SER of 200
FITs/Mb or more. To protect the internal data, ECC parity bits
(invisible to the user) are used.
The ECC algorithm does not correct multi-bit errors. However,
Cypress SRAMs are designed in such a way that a single SER
event has a very low probability of causing a multi-bit error
across any data word. The extreme rarity of multi-bit errors
results in a SER of <0.01 FITs/Mb.
Interleaved Burst Address Table
(MODE = Floating or VDD)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
00
11
10
10
11
00
01
11
10
01
00
Linear Burst Address Table
(MODE = GND)
First
Address
A1: A0
Second
Address
A1: A0
Third
Address
A1: A0
Fourth
Address
A1: A0
00
01
10
11
01
10
11
00
10
11
00
01
11
00
01
10
ZZ Mode Electrical Characteristics
Parameter
Description
Test Conditions
Min
Max
Unit
IDDZZ
Sleep mode standby current
ZZ > VDD– 0.2 V
75
mA
tZZS
Device operation to ZZ
ZZ > VDD – 0.2 V
2tCYC
ns
tZZREC
ZZ recovery time
ZZ < 0.2 V
2tCYC
–ns
tZZI
ZZ active to sleep current
This parameter is sampled
2tCYC
ns
tRZZI
ZZ Inactive to exit sleep current This parameter is sampled
0
ns


Podobny numer części - CY7C1441KV33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
More results

Podobny opis - CY7C1441KV33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cypress Semiconductor
CY7C1381KV33 CYPRESS-CY7C1381KV33 Datasheet
1Mb / 34P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1441KV25 CYPRESS-CY7C1441KV25 Datasheet
856Kb / 29P
   36-Mbit (1M 횞 36) Flow-Through SRAM
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com